전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2601KTC 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPIC2601KTC
상세설명  6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC2601KTC 데이터시트(HTML) 5 Page - Texas Instruments

  TPIC2601KTC Datasheet HTML 1Page - Texas Instruments TPIC2601KTC Datasheet HTML 2Page - Texas Instruments TPIC2601KTC Datasheet HTML 3Page - Texas Instruments TPIC2601KTC Datasheet HTML 4Page - Texas Instruments TPIC2601KTC Datasheet HTML 5Page - Texas Instruments TPIC2601KTC Datasheet HTML 6Page - Texas Instruments TPIC2601KTC Datasheet HTML 7Page - Texas Instruments TPIC2601KTC Datasheet HTML 8Page - Texas Instruments TPIC2601KTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPIC2601
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS048A – NOVEMBER 1996 – REVISED JANUARY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Qg
10 V
WAVEFORM
Qgd
t – Time – s
Gate Voltage
VGS
12-V
Battery
0.2
µF
50 k
0.3
µF
Current
Regulator
DUT
Same Type
as DUT
IG = 1 mA
IG Sampling
Resistor
ID Sampling
Resistor
TEST CIRCUIT
VDD
0
Qgs = Qg – Qgd
Qgs(th)
Figure 3. Gate Charge Test Circuit and Waveform
25 V
L
ID
tav
IAS
V(BR)DSX = 60 V MIN
VOLTAGE AND CURRENT WAVEFORMS
0
0
0
ID
VDS
DUT
VDS
TEST CIRCUIT
(see Note B)
50
50
Pulse Generator
(see Note A)
Rgen
VGS
VGS
10 V
tw
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration (tw) is increased until peak current IAS = 2 A.
Energy test level is defined as E
AS +
I
AS
V
(BR)DSX
tav
2
+ 105 mJ minimum where tav + avalanche time.
Figure 4. Single-Pulse Avalanche-Energy Test Circuit and Waveforms


유사한 부품 번호 - TPIC2601KTC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603 TI-TPIC2603 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DW TI-TPIC2603DW Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DW TI-TPIC2603DW Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

유사한 설명 - TPIC2601KTC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com