전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6B273 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6B273
상세설명  POWER LOGIC OCTAL D-TYPE LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B273 데이터시트(HTML) 5 Page - Texas Instruments

  TPIC6B273 Datasheet HTML 1Page - Texas Instruments TPIC6B273 Datasheet HTML 2Page - Texas Instruments TPIC6B273 Datasheet HTML 3Page - Texas Instruments TPIC6B273 Datasheet HTML 4Page - Texas Instruments TPIC6B273 Datasheet HTML 5Page - Texas Instruments TPIC6B273 Datasheet HTML 6Page - Texas Instruments TPIC6B273 Datasheet HTML 7Page - Texas Instruments TPIC6B273 Datasheet HTML 8Page - Texas Instruments TPIC6B273 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Thermal resistance junction to ambient
DW package
All 8 outputs with equal power
90
°C/W
R
θJA
Thermal resistance, junction-to-ambient
N package
All 8 outputs with equal power
95
°C/W
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
5 V
VCC
DRAIN
GND
CLR
VOLTAGE WAVEFORMS
D
Word
Generator
(see Note A)
CLK
CLR
Output
D
CLK
DUT
0 V
5 V
0 V
5 V
0 V
5 V
0.5 V
24 V
11
1
10
20
4 –7,
14 –17
ID
235
Output
CL = 30 pF
(see Note B)
24 V
Figure 1. Resistive-Load Test Circuit and Voltage Waveforms
5 V
DUT
VCC
CLR
DRAIN
GND
D
235
TEST CIRCUIT
SWITCHING TIMES
D
CLK
Word
Generator
(see Note A)
CLK
5 V
0 V
5 V
0 V
50%
Output
24 V
0.5 V
90%
10%
tPLH
tr
50%
90%
10%
tPHL
tf
CLK
5 V
0 V
50%
D
5 V
0 V
50%
50%
tsu
th
tw
INPUT SETUP AND HOLD WAVEFORMS
CL = 30 pF
(see Note B)
Output
Word
Generator
(see Note A)
20
10
1
11
24 V
4 –7,
14 –17
ID
Figure 2. Test Circuit, Switching Times, and Voltage Waveforms
NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 300 ns, pulsed repetition rate (PRR) = 5 KHz,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.


유사한 부품 번호 - TPIC6B273

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6B273 TI1-TPIC6B273 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DW TI1-TPIC6B273DW Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWG4 TI1-TPIC6B273DWG4 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWR TI1-TPIC6B273DWR Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
TPIC6B273DWRG4 TI1-TPIC6B273DWRG4 Datasheet
863Kb / 15P
[Old version datasheet]   Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
More results

유사한 설명 - TPIC6B273

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI1-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com