전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK404-200-E 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 STK404-200-E
상세설명  One-Channel Class AB Audio Power Amplifier IC 60W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-200-E 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button STK404-200-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 9Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 10Page - Sanyo Semicon Device STK404-200-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STK404-200-E
No. A1491-10/11
DC Offset Detector Circuit
DC offset protection is activated if VDC(+) or VDC(-)
≈0.5V (typ) is applied to DC (#8). The HIC shuts down and the
state of the error pin switches from high to low. The (open collector output) latch mode is cleared by setting the pin to
the ground level.
Set the protection level with the voltage dividing resistors R1 and R2 and determine the time constant value of C so that
the IC will not malfunction when generating the audio signals.
Sample Application Circuit
* Please refer to “13.Application circuit” about recommended Value.
Error Indicator (Open Collector)
The state of the ERROR pin (#2) switches from high to low (open collector output) when a protection circuit is
activated.
ERROR
+V (to +VCC)
H: Normal condition
L: Error
STK404-200-E
13
12
11
10
9
8
7
6
5
4
3
2
1
ERROR
OC
-Pre
-VCC +VCC
OUT+
OUT-
+Pre
SUB
/GND
IN
NF
ST
BY
DC
error (max) 20mA
Output to speaker
STK404-200-E
13
12
11
10
9
8
7
6
5
4
3
2
1
ERROR
OC
-Pre
-VCC +VCC
OUT+
OUT-
+Pre
SUB
/GND
IN
NF
ST
BY
DC
R1
R2
C


유사한 부품 번호 - STK404-200-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
More results

유사한 설명 - STK404-200-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com