전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK415-140-E 데이터시트(PDF) 7 Page - Sanyo Semicon Device

부품명 STK415-140-E
상세설명  2-Channel Power Switching Audio Power IC, 120W120W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-140-E 데이터시트(HTML) 7 Page - Sanyo Semicon Device

Back Button STK415-140-E Datasheet HTML 3Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 9Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 10Page - Sanyo Semicon Device STK415-140-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STK415-140-E
No. A1501-7/12
Pin Assignments
[STK433-000/-100/-200 Sr & STK415/416-100 Sr Pin Layout]
12
345678
9
10
11
12
13
14
15
2ch class-AB
2ch classAB/2.00mm
STK433-030-E 30W/JEITA
STK433-040-E 40W/JEITA
STK433-060-E 50W/JEITA
STK433-070-E 60W/JEITA
STK433-090-E 80W/JEITA
STK433-100-E 100W/JEITA
STK433-120-E 120W/JEITA
STK433-130-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
12
345678
9
10
11
12
13
14
15
16
17
18
19
3ch class-AB
3ch classAB/2.00mm
STK433-230A-E 30W/JEITA
STK433-240A-E 40W/JEITA
STK433-260A-E 50W/JEITA
STK433-270-E 60W/JEITA
STK433-290-E 80W/JEITA
STK433-300-E 100W/JEITA
STK433-320-E 120W/JEITA
STK433-330-E 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
2ch class-H
2ch classH/2.00mm
STK415-090-E 80W/JEITA
STK415-100-E 90W/JEITA
STK415-120-E 120W/JEITA
STK415-130-E 150W/JEITA
STK415-140-E 180W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
3ch class-H
3ch classH/2.00mm
STK416-090-E 80W/JEITA
STK416-100-E 90W/JEITA
STK416-120-E 120W/JEITA
STK416-130-E 150W/JEITA
+
V
L
-
V
L
+
O
F
F
S
E
T
-
O
F
F
S
E
T
-
P
R
E
-
V
H
+
V
H
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
|
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
I
N
/
C
H
3
N
F
/
C
H
3
O
U
T
/
C
H
3
+
O
U
T
/
C
H
3
-


유사한 부품 번호 - STK415-140-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
More results

유사한 설명 - STK415-140-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
logo
International Rectifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Mean Well Enterprises C...
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com