전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS56300 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS56300
상세설명  DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS56300 데이터시트(HTML) 4 Page - Texas Instruments

  TPS56300 Datasheet HTML 1Page - Texas Instruments TPS56300 Datasheet HTML 2Page - Texas Instruments TPS56300 Datasheet HTML 3Page - Texas Instruments TPS56300 Datasheet HTML 4Page - Texas Instruments TPS56300 Datasheet HTML 5Page - Texas Instruments TPS56300 Datasheet HTML 6Page - Texas Instruments TPS56300 Datasheet HTML 7Page - Texas Instruments TPS56300 Datasheet HTML 8Page - Texas Instruments TPS56300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS56302
DUAL-OUTPUT LOW-INPUT-VOLTAGE
DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
SLVS289 – MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
VID0
1
Voltage Identification input 0. The VID pins are tri-level programming pins that set the output voltages for both
converters. The code pattern for setting the output voltage is located in table 1. The VID pins are internally pulled to
VBIAS/2, allowing floating voltage set to logic 1 (see Table 1).
VID1
2
Voltage Identification input 1 (see VID0 pin description and Table 1).
SLOWST
3
Slow-start (soft start). A capacitor from pin 3 to GND sets the slow-start time for VOUT-RRandVOUT-LDO.Bothsupplies
will ramp-up together while tracking the slow-start voltage.
VHYST
4
Hysteresis set pin. The hysteresis equals 2
× (VREFB – VHYST).
VREFB
5
Buffered ripple regulator reference voltage from VID network.
VSEN-RR
6
Ripple regulator voltage sense input. This pin is connected to the ripple regulator output. It is used to sense the ripple
regulator voltage for regulation, OVP, UVP, and power good functions.. It is recommended that an RC low pass filter be
connected at this pin to filter high frequency noise.
ANAGND
7
Analog ground
BIAS
8
Analog BIAS pin. Recommended that a 1-
µF capacitor be connected to ANAGND.
VLDODRV
9
Output of charge pump generated through bootstrap diode. Approximately equal to VDRV + VIN – 300 mV. Used as
supply for LDO driver and bias regulator. Recommended that a 1-
µF capacitor be connected to DRVGND.
CPC1
10
Connect one end of charge pump capacitor. Recommended that a 1-
µF capacitor be connected from CPC1 to CPC2.
VCC
11
3.3 V or 5 V supply (2.8 V – 5.5 V). It is recommended that a low ESR capacitor be connected directly from VCC to
DRVGND (bulk capacitors supplied at power stage input).
CPC2
12
Other end of charge pump capacitor from CPC1.
VDRV
13
Regulated output of internal charge pump. Supplies DRIVE charge for the low-side MOSFET driver (5 V).
Recommended that a 10-
µF capacitor be connected to DRVGND.
DRVGND
14
Drive ground. Ground for FET drivers. Connect to source of low-side FET.
LOWDR
15
Low drive. Output drive to synchronous rectifier low-side FET.
BOOTLO
16
Bootstrap low. This pin connects to the junction of the high-side and low-side FETs.
BOOT
17
Bootstrap pin. Connect a 1-
µF low ESR capacitor to BOOTLO to generate floating drive for the high-side FET driver.
HIGHDR
18
High drive. Output drive to high-side power switching FETs
LOSENSE/
LOHIB
19
Low sense/low-side inhibit. This pin is connected to the junction of the high and low-side FETs and is used in current
sensing and the anti-cross-conduction to eliminate shoot-through current.
HISENSE
20
High current sense. For current sensing across high-side FETs, connect to the drain of the high-side FETs.
IOUTLO
21
Current sense low output. Voltage on this pin is the voltage on the LOSENSE pin when the high-side FETs are on.
INHIBIT
22
This pin inhibits the drive signals to the MOSFET drivers. The IC is in a low-current state if INHIBIT is grounded. It is
recommended that an external pullup resistor be connected to 5 V.
NGATE-LDO
23
Drives external N-channel power MOSFET to regulate LDO voltage to VREF-LDO.
VSEN–LDO
24
LDO voltage sense. This pin is connected to the LDO output. It is used to sense the LDO voltage for regulation, OVP,
UVP, and power good functions.
PWRGD
25
Power good. Power good signal goes high when output voltage is above 93% of VREF for both ripple regulator and
LDO. This is an open-drain output.
IOUT
26
Current signal output. Output voltage on this pin is proportional to the load current as measured across the high-side
FETs on-resistance. The voltage on this pin equals 2
× RON × IOUT, where RON is the equivalent on-resistance of the
high-side FETs
OCP
27
Over current protection. Current limit trip point for ripple regulator is set with a resistor divider between the IOUT pin and
ANAGND. The trip point is typically 125 mV.
DROOP
28
Droop voltage. Voltage input used to set the amount of output voltage droop as a function of load current. The amount of
droop compensation is set with a resistor divider between the IOUT pin and ANAGND.


유사한 부품 번호 - TPS56300

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI1-TPS56300 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300EVM-139 TI-TPS56300EVM-139 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300PWP TI-TPS56300PWP Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300PWP TI1-TPS56300PWP Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
More results

유사한 설명 - TPS56300

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56300 TI1-TPS56300_16 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com