전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS5633PWP 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS5633PWP
상세설명  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS5633PWP 데이터시트(HTML) 5 Page - Texas Instruments

  TPS5633PWP Datasheet HTML 1Page - Texas Instruments TPS5633PWP Datasheet HTML 2Page - Texas Instruments TPS5633PWP Datasheet HTML 3Page - Texas Instruments TPS5633PWP Datasheet HTML 4Page - Texas Instruments TPS5633PWP Datasheet HTML 5Page - Texas Instruments TPS5633PWP Datasheet HTML 6Page - Texas Instruments TPS5633PWP Datasheet HTML 7Page - Texas Instruments TPS5633PWP Datasheet HTML 8Page - Texas Instruments TPS5633PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
current sensing
Current sensing is achieved by sampling and holding the voltage across the high-side power FET while the
high-side FET is on. The sampling network consists of an internal 60-
Ω switch and an external ceramic hold
capacitor. Recommended value of the hold capacitor is between 0.033
µF and 0.1 µF. The actual value should
give a time constant (60
Ω × CH) greater than the FET on time. Internal logic controls the turn-on and turn-off
of the sample/hold switch such that the switch does not turn on until the Vphase voltage transitions high, and
the switch turns off when the input to the high-side driver goes low. Thus sampling will occur only when the high
side FET is conducting current. The voltage on the IOUT pin equals 2 times the sensed high-side voltage. In
applications where a higher accuracy in current-sensing is required, a sense resistor can be placed in series
with the high-side FET and the voltage across the sense resistor can be sampled by the current sensing circuit.
See Figures 2 and 3.
overcurrent protection
The overcurrent protection (OCP) circuit monitors the current through the high-side FET. The overcurrent
threshold is adjustable with an external resistor divider between IOUT and ANAGND, with the divider voltage
connected to OCP. If the voltage on OCP (VS) exceeds 100 mV, then a fault latch is set and the output drivers
are turned off. The latch will remain set until VCC goes below the undervoltage lockout value. A 3-µs deglitch
timer is included for noise immunity. The OCP circuit is also designed to protect the high-side power FET against
a short-to-ground fault on the terminal common to both power FETs (Vphase).
R1
+
R2
V
S
–0.05
0.05
Figure 2. OCP Using FET ON-Resistance
Figure 3. Precision OCP Using External Resistor
R1
+
R2
V
S
–0.05
0.05
R2
2 * VS
OCP
TPS56xx
R1
IOUT
VCC
VP
CH
VS
R2
2 * VS
OCP
TPS56xx
R1
IOUT
VCC
VP
CH
VS
RS
inhibit
INHIBIT is a TTL-compatible digital input used to enable the controller. When INHIBIT is low, the output drivers
are low and the slowstart capacitor is discharged. When INHIBIT goes high, the short across the slowstart
capacitor is released and normal converter operation begins. When the system-logic supply is connected to
INHIBIT, it also controls power sequencing by locking out controller operation until the system-logic supply
exceeds the input threshold voltage of the inhibit circuit. Thus the 12-V supply and the system-logic supply
(either 5 V or 3.3 V) must be above UVLO thresholds before the controller is allowed to start up. The INHIBIT
comparator start threshold is 2.1 V and the hysteresis is 100 mV.


유사한 부품 번호 - TPS5633PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5633PWP TI-TPS5633PWP Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5633PWPR TI-TPS5633PWPR Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

유사한 설명 - TPS5633PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com