전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60122PWP 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60122PWP
상세설명  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60122PWP 데이터시트(HTML) 4 Page - Texas Instruments

  TPS60122PWP Datasheet HTML 1Page - Texas Instruments TPS60122PWP Datasheet HTML 2Page - Texas Instruments TPS60122PWP Datasheet HTML 3Page - Texas Instruments TPS60122PWP Datasheet HTML 4Page - Texas Instruments TPS60122PWP Datasheet HTML 5Page - Texas Instruments TPS60122PWP Datasheet HTML 6Page - Texas Instruments TPS60122PWP Datasheet HTML 7Page - Texas Instruments TPS60122PWP Datasheet HTML 8Page - Texas Instruments TPS60122PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
C1+
6
Positive terminal of the flying capacitor C1
C1–
8
Negative terminal of the flying capacitor C1
C2+
15
Positive terminal of the flying capacitor C2
C2–
13
Negative terminal of the flying capacitor C2
ENABLE
3
I
ENABLE input. Connect ENABLE to IN for normal operation. When ENABLE is a logic low, the device turns off and
the supply current decreases to 0.05
µA. The output is disconnected from the input when the device is placed in
shutdown.
FB
4
I
Feedback input. Connect FB to OUT as close to the load as possible to achieve best regulation. Resistive divider
is on the chip to match the internal reference voltage of 1.21 V.
GND
1, 2,
19, 20
Ground. Analog ground for internal reference and control circuitry. Connect to PGND through a short trace.
IN
7,14
I
Supply input. Connect to an input supply in the 1.8-V to 3.6-V range. Bypass IN to PGND with a (CO/2) µF capacitor.
Connect both INs through a short trace.
LBO/PG
17
O
Low battery detector output or power good output. Open drain output of the low battery or power-good comparator.
It can sink 1 mA. A 100-k
Ω to 1-MΩ pullup is recommended. Leave terminal unconnected if not used.
LBI/NC
18
I
Low battery detector input (TPS60120/TPS60122/TPS60124 only). The input is compared to the internal 1.21-V
reference voltage. Connect terminal to ground if the low-battery detector function is not used. On the TPS60121,
TPS60123, and TPS60125, this terminal is not connected.
OUT
5, 16
O
Regulated power output. Connect both OUT terminals through a short trace and bypass OUT to GND with the output
filter capacitor CO.
PGND
9–12
Power ground. Charge-pump current flows through this pin. Connect all PGND pins together.
detailed description
operating principle
The TPS6012x charge pumps provide a regulated 3.3-V or 3-V output from a 1.8-V to 3.6-V input. They are
designed for a maximum load current of at least 200 mA or 100 mA, respectively. Designed specifically for
space-critical, battery-powered applications, the complete charge pump circuit requires only four external
capacitors. The circuit is optimized for efficiency over a wide input voltage range.
The TPS6012x charge pumps consist of an oscillator, a 1.21-V bandgap reference, an internal resistive
feedback circuit, an error amplifier, high current MOSFET switches, a shutdown/start-up circuit, a low-battery
or power-good comparator, and a control circuit (see the functional block diagram).
The device consists of two single-ended charge pumps. The power stages of the charge pump are automatically
configured to amplify the input voltage with a conversion factor of 1.5 or 2. The conversion ratio depends on
input voltage and output current. With input voltages lower than approximately 2.4 V, the convertor will run in
a voltage doubler mode with a gain of two. With a higher input voltage, the converter operates with a gain of
1.5. This assures high efficiency over the wide input voltage range of a two-cell battery stack and is further
described in the
adaptive mode switching section.
adaptive mode switching
The ON-resistance of the MOSFETs that are in the charge path of the flying capacitors is regulated when the
charge pump operates in voltage doubler-mode. It is changed depending on the output voltage that is fed back
into the control loop. This way, the time-constant during the charging phase can be modified and increased
versus a time-constant for fully switched-on MOSFETs. The ON-resistance of both switches and the
capacitance of the flying capacitor define the time constant. The MOSFET switches in the discharge path of the
charge pump are always fully switched on to their minimum rDS(on). With the time-constant during charge phase
being larger than the time constant in discharge phase, the voltage on the flying capacitors stabilizes to the
lowest possible value necessary to get a stable VO.


유사한 부품 번호 - TPS60122PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60122PWP TI-TPS60122PWP Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122PWPG4 TI-TPS60122PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122PWPR TI-TPS60122PWPR Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122PWPRG4 TI-TPS60122PWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

유사한 설명 - TPS60122PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com