전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60131PWP 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS60131PWP
상세설명  REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60131PWP 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPS60131PWP Datasheet HTML 3Page - Texas Instruments TPS60131PWP Datasheet HTML 4Page - Texas Instruments TPS60131PWP Datasheet HTML 5Page - Texas Instruments TPS60131PWP Datasheet HTML 6Page - Texas Instruments TPS60131PWP Datasheet HTML 7Page - Texas Instruments TPS60131PWP Datasheet HTML 8Page - Texas Instruments TPS60131PWP Datasheet HTML 9Page - Texas Instruments TPS60131PWP Datasheet HTML 10Page - Texas Instruments TPS60131PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS60130, TPS60131, TPS60132, TPS60133
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS258A – NOVEMBER 1999 – REVISED DECEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Power-Good detector (TPS60131 and TPS60133)
The PG pin is an open-drain output that is pulled low when the output is out of regulation. When the output
voltage rises to about 90% of its nominal voltage, power-good output is released. PG is high impedance when
the device is disabled. An external pullup resistor must be connected between PG and OUT. The pullup resistor
should be in the 100 k
Ω to 1 MΩ range. If the power-good function is not used, the PG-pin should remain
unconnected.
Co
33
µF
Output
5 V, 300 mA
Input
2.7 V to 5.4 V
IN
IN
NC
C1+
C1–
ENABLE
PGND GND
OUT
OUT
FB
PG
C2+
C2–
C2
2.2
µF
C1
2.2
µF
Off/On
Ci
15
µF
R1
1 M
TPS60131
Power-Good Output
Figure 2. Typical Operating Circuit Using Power-Good Comparator
absolute maximum ratings (see Note 1)
Input voltage range, VI (IN, OUT, ENABLE, FB, LBI, LBO/PG)
–0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (C1+, C2+ to GND)
–0.3 V to (VO + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (C1–, C2– to GND)
–0.3 V to (VI + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current: TPS60130, TPS60131
400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TPS60132, TPS60133
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: V(ENABLE),V(LBI)andV(LBO/PG)canexceedVIuptothemaximumratedvoltagewithoutincreasingtheleakagecurrentdrawnbythese
inputs.
DISSIPATION RATING TABLE FREE-AIR TEMPERATURE (see Figure 1)
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PWP
700 mW
5.6 mW/
°C
448 mW
364 mW
DISSIPATION RATING TABLE CASE TEMPERATURE (see Figure 2)
PACKAGE
TC ≤ 62.5°C
POWER RATING
DERATING FACTOR
ABOVE TC = 62.5°C
TC = 70°C
POWER RATING
TC = 85°C
POWER RATING
PWP
25 mW
285.7 mW/
°C
22.9 mW
18.5 mW


유사한 부품 번호 - TPS60131PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60131PWP TI1-TPS60131PWP Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131PWPG4 TI1-TPS60131PWPG4 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131PWPR TI1-TPS60131PWPR Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60131PWPRG4 TI1-TPS60131PWPRG4 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

유사한 설명 - TPS60131PWP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501_3 Datasheet
840Kb / 15P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com