전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSD-841 데이터시트(PDF) 3 Page - Premier Magnetics, Inc.

부품명 TSD-841
상세설명  SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PMI [Premier Magnetics, Inc.]
홈페이지  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-841 데이터시트(HTML) 3 Page - Premier Magnetics, Inc.

  TSD-841 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-841 Datasheet HTML 2Page - Premier Magnetics, Inc. TSD-841 Datasheet HTML 3Page - Premier Magnetics, Inc. TSD-841 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pmsm 6/97
SWITCH MODE DC/DC
POWER CONVERSION
TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
To receive complete specifications & application information, request the respective part number data sheet.
PART
NUMBER
APPLICATION
Vin
Vout
Io_max
(Vdc)
(Vdc)
(mA)
Designed For
Use With
Temp
Rise oC
Typ.
PRIMARY
OCL
µµµµµHY
Typ.
General Notes
PCB
Mount
Method
HI-POT
Vdc
Min.
TSD-750
LT1172
10-30
24.0
50
610
500
10
Isolated Output
SMD
Output #2
------
24.0
50
-----
500
-----
Isolated Output
TSD-769
LT1071
9-32
32.0
100
410
500
25
Isolated Output
THRU
Output #2
------
20.0
100
-----
500
-----
Isolated Output
Output #3 = Auxiliary
------
8.0
20
-----
500
-----
Isolated Output
TSD-826
LT1171
7-16
5.0
500
55
500
25
Feed back Output
SMD
Output #2
------
-5.0
20
-----
500
-----
Second Output
Outputs #3 & #4: +48V
------
+ 48.0
+50
-----
500
-----
Isolated Outputs +48V
TSD-834
UC2843
130-260
+5.0 +1000
324
1500
15
Isolated Output, Opto F.B.
THRU
Output #2
------
-5.0
-10
-----
------
-----
Isolated Output
TSD-839
LT1171
12.0
+9.0
+250
150
300
15
Isolated Output, Opto F.B.
SMD
Output #2 & #3: +20Vdc
------
+20.0
+80
-----
------
-----
Isolated Output
Output #4 & #5: +30Vdc
------
+30.0
+10
-----
------
-----
Isolated Output
TSD-841
LT1070
5-30V -180.0
-50
45
500
20
Isolated Output, Opto F.B.
THRU
Output #2
------
+60.0
+50
-----
------
-----
Isolated Output
TSD-849
UC2843
100-280
+5.0
+450
292
1500
15
Isolated Output, Opto F.B.
SMD
3.3V TAP Output
------
+3.3
+200
-----
------
-----
Tap Output
Output #2
------
-5.5
-100
-----
------
-----
Isolated Output
TSD-850
UC2843
100-280
-48.0
-40
200
1500
15
Isolated Output, Opto F.B.
SMD
Output #2
------
-65.0
-75
-----
------
-----
Isolated Output
-24V TAP Output off #2
------
-24.0
-150
-----
------
-----
Tap Output
TSD-851
UC2843
120-260
-48.0
-20
324
1500
15
Isolated Output, Opto F.B.
THRU
-28V TAP Output
------
-28.0
-200
-----
-----
-----
Tap Output
TSD-852
UC2843
130-260
+12.0
+100
324
1500
15
Isolated Output, Opto F.B.
THRU
Output #2
------
-160.0
-200
-----
------
-----
Isolated Output
TSD-878
LT1170
24.0
5.0
1250
68
1500
30
Isolated Output, Opto F.B.
THRU
Output #2
------
12.0
1250
-----
------
-----
Isolated Output
TSD-879
LT1170
24.0
+12.0
+250
150
1500
15
Isolated Output, Opto F.B.
SMD
TSD-887
LT1170
15-21
175.0
120
63.0
1000
20
Direct Feedback
THRU
TSD-906
LM2588T
24.0
5.0
2500
160
1000
15
Isolated Output, Opto F.B.
THRU
Output #2
WITH REG'S ------
15.0
1000
-----
------
-----
Iso. Linear Reg Output
TSD-913
LT1171
10-30
5.0
1200
100.0
1500
10
Isolated Output, Opto F.B.
THRU
TSD-933
LT1172
18-30
5.0
250
1000
500
10
Isolated Output
THRU
Output #2 & #3
------
+15.0
+25
-----
500
-----
Isolated Output
TSD-980
LT1082
12-40
12.0
125
1300
1500
10
Isolated Output
THRU
Output #2
------
12.0
125
-----
1500
-----
Isolated Output
TSD-989
LT1172
8-40
5.0
200
100
-----
10
Direct Feedback Output
SMD
Output #2 & #3
------
+10.0
+50
-----
500
-----
Isolated Output
TSD-1040
LT1172
8-40
5.0
200
110
-----
10
Direct Feedback Output
SMD
Output #1
------
12.0
80
-----
250
-----
Isolated Output #1
Output #2
------
20.0
80
-----
250
-----
Isolated Output #2


유사한 부품 번호 - TSD-841

제조업체부품명데이터시트상세설명
logo
Premier Magnetics, Inc.
TSD-842 PMI-TSD-842 Datasheet
64Kb / 2P
   ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
TSD-843 PMI-TSD-843 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-844 PMI-TSD-844 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-845 PMI-TSD-845 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
More results

유사한 설명 - TSD-841

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF4703 SILIKRON-SSF4703 Datasheet
288Kb / 5P
   DC-DC conversion applications
SSF3117 SILIKRON-SSF3117 Datasheet
292Kb / 5P
   DC-DC conversion applications
SSF4703DC SILIKRON-SSF4703DC Datasheet
275Kb / 5P
   DC-DC conversion applications
SSF8521 SILIKRON-SSF8521 Datasheet
294Kb / 5P
   DC-DC conversion applications
logo
Shenzhen Guan Hua Wei Y...
WSD80120DN56 WIINSOK-WSD80120DN56 Datasheet
3Mb / 6P
   High power DC/DC converters and switch mode
logo
Guangdong Youtai Semico...
MC34063 UMW-MC34063 Datasheet
777Kb / 5P
   DC-DC conversion control circuit
logo
Silikron Semiconductor ...
SSF2783 SILIKRON-SSF2783 Datasheet
317Kb / 6P
   DC−DC Conversion Circuits
logo
Guangdong Youtai Semico...
MC33063 UMW-MC33063 Datasheet
830Kb / 5P
   DC-DC conversion control circuit
logo
Sumida Corporation
ER3023 SUMIDA-ER3023 Datasheet
126Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
logo
Productwell Precision E...
DDEI19-001 PRODUCTWELL-DDEI19-001 Datasheet
79Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com