전자부품 데이터시트 검색엔진 |
|
TSD-1551 데이터시트(PDF) 4 Page - Premier Magnetics, Inc. |
|
TSD-1551 데이터시트(HTML) 4 Page - Premier Magnetics, Inc. |
4 / 9 page 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 • TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com Specifications subject to change without notice. 4 pol 10/99 OFF-LINE SWITCH MODE TRANSFORMERS GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC CLICK ON THE RESPECTIVE PART NUMBER TO DISPLAY A DETAIL DATA SHEET POL-15033 TOP 226 12.0 3.00 36.0 VTP-01002 PMCE-0330 E30 TSD-7622 TOP 103 12.0 3.40 41.0 VTP-01002 PMCE-0330 E28/11 TSD-1834 TOP 247 12 3.75 45.0 VTP-01005 PMCE-0330 EI19 TSD-7772 TOP 104 12.0 5.00 60.0 VTP-01005 PMCE-0330 E30 TSD-1405 TOP 224P 12.0 1.70 20.4 VTP-01002 PMCU-0220 E25.4 POL-12208 TOP 223 12x2 0.50/0.30 9.6 VTP-01001 PMCU-0330 E22/19/ POL-12216 TOP 224 12x2 0.80/0.80 21.5 VTP-01001 PMCU-0330 EI25-Vert TSD-1943 TOP 248 12x2 2.5/2.5 62.5 VTP-01002 PMCE-0330 E30 TSD-1551 TOP 222Y 12/5/3.3/-12 0.1/0.2/1.5/0.1 8.4 VTP-01001 PMCU-0330 EE22/19/6 TSD-1654 TOP 223Y 12/12 0.30/0.50 9.6 VTP-01001 PMCU-0330 EE19/EI19 TSD-1469 TOP 222Y 13/6/3.3/-13 0.1/0.2/1.5/0.1 8.8 VTP-01001 PMCU-0330 EE22/19/6 POL-150332 TOP 104 13.8 4.00 56.0 VTP-01002 PMCE-0330 E30 TSD-9463 TOP 210 14.0 0.20 3.0 VTP-01001 PMCU-0330 E16-Horz TSD-1010 TOP 210 14.0 0.43 4.5 VTP-01001 PMCU-0330 EFD20 TSD-10033 TOP 210 15.0 0.20 3.0 VTP-01001 PMCU-0330 E16-Horz TSD-13303 TOP 210 15.0 0.20 3.0 VTP-01001 PMCU-0330 E16-Vert TSD-1811 TOP 243 15.0 1.0 15.0 VTP-01001 PMCU-0220 EE16 TSD-7373 TOP 223 15.0 1.00 15.0 VTP-01001 PMCU-0330 E22/19/6 POL-15020 TOP 226 15.0 2.00 30.0 VTP-01002 PMCU-0330 E28/11 POL-15033 TOP 226 15.0 3.33 50.0 VTP-01002 PMCE-0330 E30 TSD-812 TOP 204 15.0 3.33 50.0 VTP-01002 PMCE-0330 EER28L POL-150731 TOP 204 15.0 7.33 110.0 VTP-02007 PMCE-3330 EER28L POL-152043 TOP 200 15x2 0.20/0.20 6.0 VTP-01001 PMCU-0220 E19-Horz TSD-1683 TOP 221 15.0/15.0 0.20/0.18 6.3 VTP-01001 PMCU-0220 EE22 TSD-860 TOP 202 +15/6.9 +0.60/0.30 20.0 VTP-01001 PMCU-0330 E28/11 TSD-1432 TOP 224Y 15/-15/6.9 0.8/0.8/0.3 26.1 VTP-01001 PMCU-0330 EER28L TSD-1385 TOP 204 15/15/5 0.2/0.2/1.0 11.0 VTP-01002 PMCU-0330 E28/11 TSD-8731 TOP 210 17.0 0.10 1.7 Bead N/A EP10-SMD TSD-1035 TOP 221 17.0 0.20 3.5 Bead N/A EP10-SMD TSD-1197 TOP 227 17/21/17 2.0/0.25/0.25 90.0 VTP-01002 PMCE-0330 EI33/29 TSD-10553 TOP 210 15V to 18V .300 to .350 5.5 VTP-01001 PMCU-0220 EEL16 TSD-1439 TOP 221Y 18.0 0.2 3.6 VTP-01001 PMCU-0220 EE16/EI16 TSD-9683 TOP 202 18x2 0.40/0.40 14.4 VTP-01001 PMCU-0330 E22/19/6 POL-30208 TOP 244 18/+30/-30 0.30/0.75/0.5 30.0 VTP-01001 PMCU-0330 EE28/11 TSD-1668 TOP 232 18.0 0.40 7.2 VTP-01001 PMCU-0220 EEL16 TSD-1752 TOP 232 19.0 0.45 8.6 VTP-01001 PMCU-0220 EEL19 POL-22007 TOP 202 22.0 0.70 15.4 VTP-01001 PMCU-0330 E22/19/6 TSD-9244 TOP 202 22.0 0.70 15.4 VTP-01001 PMCU-0330 E22/19/6 PART NUMBER Recommended Power Intgr. Controller APPLICATION DATA Output Voltages Output Currents Con Vout Vdc Io_cont Amps Watt Recommended Output Filter Input Filter Inductor (L2) CMC (L1) Package Schematic Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless Otherwise Designated. 1 = Unit Designed for Voltage Doubler Input -or- PFC Corrected Front End. 2 = Unit Designed for AC Input of 85 to135Vac, 47/440Hz. 3 = Minimum Parts Count Design (lowest cost). Designed for Relatively Constant Lload Power. Applications Where Load Regulation of 5.0 % & Line Regulation of 3.0 % is Acceptable. 4 = Faraday Shield Between Primary + Bias & Secondaries. Connected to Bias - Pin. |
유사한 부품 번호 - TSD-1551 |
|
유사한 설명 - TSD-1551 |