전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX3HSM1 데이터시트(PDF) 2 Page - RSG Electronic Components GmbH

부품명 CX3HSM1
상세설명  18 kHz to 600 kHz Low Profile Surface Mount Quartz Crystal for Series Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RSG [RSG Electronic Components GmbH]
홈페이지  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CX3HSM1 데이터시트(HTML) 2 Page - RSG Electronic Components GmbH

  CX3HSM1 Datasheet HTML 1Page - RSG Electronic Components GmbH CX3HSM1 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSG Electronic Components GmbH - Sprendlinger Landstr. 115 - 63069 Offenbach - Germany - www.rsg-electronic.de
YS
TEM C
ERTIF
IC
A
T
01
10146 - Rev D
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
18 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Standard Calibration Tolerance* (see table below)
Motional Resistance (R1)
See Figure 1
MAX: 18-25 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
MIN is 0.25x Typ.
Shunt Capacitance (C0)
1.8 pF MAX.
Drive Level
18-24.9 kHz 0.5
µW MAX.
25-600 kHz 1.0
µW MAX.
Turning Point (T0)**
Figure 4
Temperature Coefficient (k) -0.035 ppm/
0C2
Aging, first year
5 ppm MAX
Shock, survival***
1,500 g peak, 0.3 ms, 1/2 sine
Vibration, survival***
10 g RMS, 20-2,000 Hz random
Operating Temp. Range
-10
OC to +70OC (Commercial)
-40
OC to +85OC (Industrial)
-55
OC to +125OC (Military)
Storage Temp. Range
-55
OC to +125OC
Max Process Temperature
260
OC for 20 sec.
* Other calibration values available, consult factory.
** Other turning point available.
*** Higher shock and vibration available.
CX3H Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
18-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CX3HSM CRYSTALS
CX3H
S
C
SM1
32.0K,
30
/
M
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
PACKAGING OPTIONS
CX3HSM - Tray Pack
- Tape and Reel
(Reference tape and reel data sheet 10109)
1000
500
2
0
0
100
50
20
10
18
50
100
200
600
Frequency (kHz)
18
50
100
200
600
Frequency (kHz)
50
20
10
5
2
18
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX3H TYPICAL MOTIONAL RESISTANCE (R
1)
FIGURE 2
CX3H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX3H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX3H TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
18
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
Frequency
K = kHz
Calibration
Tolerance
@ 25
OC
(in ppm)
Operating Temp. Range:
C = -10
OC to +70OC
I
= -40
OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
f-f0
=
k(T-T0)
2
f0


유사한 부품 번호 - CX3HSM1

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX3HSM STATEK-CX3HSM Datasheet
468Kb / 2P
   Low Profile Surface Mount Quartz Crystal for Series Oscillators
logo
EUROQUARTZ limited
CX3HSM EUROQUARTZ-CX3HSM Datasheet
298Kb / 2P
   Frequency Range 18kHz to 600kHz
logo
STATEK CORPORATION
CX3HSM STATEK-CX3HSM Datasheet
157Kb / 2P
   Low Profile Surface Mount Quartz Crystal for Series Oscillators
CX3HSM STATEK-CX3HSM_08 Datasheet
157Kb / 2P
   Low Profile Surface Mount Quartz Crystal for Series Oscillators
More results

유사한 설명 - CX3HSM1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX-3V-SM ETC1-CX-3V-SM Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
CX1HSM RSG-CX1HSM Datasheet
533Kb / 2P
   10 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM RSG-CX2VSM Datasheet
509Kb / 2P
   16 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1H-03 RSG-CX-1H-03 Datasheet
84Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX-2V STATEK-CX-2V Datasheet
123Kb / 2P
   order16 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX-1V-03 RSG-CX-1V-03 Datasheet
89Kb / 2P
   10 kHz to 600 kHz Miniature Quartz Crystal for Pierce Oscillators
CX-7V-SM RSG-CX-7V-SM Datasheet
63Kb / 2P
   80 kHz to 160 kHz Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com