전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM61001RHBT 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM61001RHBT
상세설명  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM61001RHBT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDCM61001RHBT Datasheet HTML 7Page - Texas Instruments CDCM61001RHBT Datasheet HTML 8Page - Texas Instruments CDCM61001RHBT Datasheet HTML 9Page - Texas Instruments CDCM61001RHBT Datasheet HTML 10Page - Texas Instruments CDCM61001RHBT Datasheet HTML 11Page - Texas Instruments CDCM61001RHBT Datasheet HTML 12Page - Texas Instruments CDCM61001RHBT Datasheet HTML 13Page - Texas Instruments CDCM61001RHBT Datasheet HTML 14Page - Texas Instruments CDCM61001RHBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DEVICE CONFIGURATION
CDCM61001
www.ti.com.................................................................................................................................................... SCAS869B – FEBRUARY 2009 – REVISED JULY 2009
Table 2. Common Configuration
VCO
OUTPUT
PRESCALER
FEEDBACK
FREQUENCY
OUTPUT
FREQUENCY
INPUT (MHz)
DIVIDER
DIVIDER
(MHz)
DIVIDER
(MHz)
APPLICATION
25
4
20
2000
8
62.5
GigE
24.75
4
20
1980
8
74.25
HDTV
25
3
24
1800
8
75
SATA
24.8832
3
25
1866.24
8
77.76
SONET
25
3
24
1800
6
100
PCI Express
26.5625
3
24
1912.5
6
106.25
Fibre Channel
25
4
20
2000
4
125
GigE
25
3
24
1800
4
150
SATA
24.8832
3
25
1866.24
4
155.52
SONET
25
3
25
1875
4
156.25
10 GigE
26.5625
3
24
1912.5
4
159.375
10-G Fibre Channel
25
5
15
1875
2
187.5
12 GigE
25
3
24
1800
3
200
PCI Express
26.5625
3
24
1912.5
3
212.5
4-G Fibre Channel
25
4
20
2000
2
250
GigE
24.8832
3
25
1866.24
2
311.04
SONET
25
3
25
1875
2
312.5
XGMII
24.8832
3
25
1866.24
1
622.08
SONET
25
3
25
1875
1
625
10 GigE
Table 3. Generic Configuration
OUTPUT
INPUT FREQUENCY
PRESCALER
FEEDBACK
VCO FREQUENCY
FREQUENCY
RANGE (MHz)
DIVIDER
DIVIDER
RANGE (MHz)
OUTPUT DIVIDER
RANGE (MHz)
21.875 to 25.62
4
20
1750 to 2050
8
54.6875 to 64.05
21.875 to 25.62
4
20
1750 to 2050
6
72.92 to 85.4
21.875 to 25.62
4
20
1750 to 2050
4
109.375 to 128.1
21.875 to 25.62
4
20
1750 to 2050
3
145.84 to 170.8
21.875 to 25.62
4
20
1750 to 2050
2
218.75 to 256.2
21.875 to 25.62
4
20
1750 to 2050
1
437.5 to 512.4
23.33 to 27.33
3
25
1750 to 2050
8
72.906 to 85.408
23.33 to 27.33
3
25
1750 to 2050
6
97.21 to 113.875
23.33 to 27.33
3
25
1750 to 2050
4
145.812 to 170.816
23.33 to 27.33
3
25
1750 to 2050
3
194.42 to 227.75
23.33 to 27.33
3
25
1750 to 2050
2
291.624 to 341.632
23.33 to 27.33
3
25
1750 to 2050
1
583.248 to 683.264
23.33 to 27.33
5
15
1750 to 2050
8
43.75 to 51.25
23.33 to 27.33
5
15
1750 to 2050
6
58.33 to 68.33
23.33 to 27.33
5
15
1750 to 2050
4
87.5 to 102.5
23.33 to 27.33
5
15
1750 to 2050
3
116.66 to 136.66
23.33 to 27.33
5
15
1750 to 2050
2
175 to 205
23.33 to 27.33
5
15
1750 to 2050
1
350 to 410
24.305 to 28.47
3
24
1750 to 2050
8
72.915 to 85.41
24.305 to 28.47
3
24
1750 to 2050
6
97.22 to 113.88
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCM61001


유사한 부품 번호 - CDCM61001RHBT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61001RHBT TI-CDCM61001RHBT Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBT TI1-CDCM61001RHBT Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBT TI1-CDCM61001RHBT Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

유사한 설명 - CDCM61001RHBT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com