전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM61002 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM61002
상세설명  Two Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 5Page - Texas Instruments CDCM61002 Datasheet HTML 6Page - Texas Instruments CDCM61002 Datasheet HTML 7Page - Texas Instruments CDCM61002 Datasheet HTML 8Page - Texas Instruments CDCM61002 Datasheet HTML 9Page - Texas Instruments CDCM61002 Datasheet HTML 10Page - Texas Instruments CDCM61002 Datasheet HTML 11Page - Texas Instruments CDCM61002 Datasheet HTML 12Page - Texas Instruments CDCM61002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CDCM61002
www.ti.com.................................................................................................................................................... SCAS870B – FEBRUARY 2009 – REVISED JULY 2009
PIN FUNCTIONS
TERMINAL
NAME
PAD NO.
TYPE
DIRECTION(1)
DESCRIPTION
VCC_OUT
1, 4
Power
3.3-V supply for the output buffer
VCC_PLL1
18
Power
3.3-V supply for the PLL circuitry
VCC_PLL2
16
Power
3.3-V supply for the PLL circuitry
VCC_VCO
9
Power
3.3-V supply for the internal VCO
VCC_IN
20
Power
3.3-V supply for the input buffers
GND1
22
Ground
Additional ground for device. (GND1 shorted on-chip to GND)
GND
Pad
Ground
Ground is on thermal pad. See Thermal Management.
XIN
21
Input
Parallel resonant crystal/LVCMOS input
OUTP0,
6, 5
Output
Differential output pair or two single-ended outputs
OUTN0
OUTP1,
3, 2
Output
Differential output pair or two single-ended outputs
OUTN1
OSC_OUT
23
Output
Bypass LVCMOS output
Capacitor for internal regulator (connect to a 10-
µF Y5V capacitor to
REG_CAP1
19
Output
GND)
Capacitor for internal regulator (connect to a 10-
µF Y5V capacitor to
REG_CAP2
17
Output
GND)
PR1, PR0
26, 25
Input
Pullup
Prescaler and Feedback divider control pins (see Table 4)
OD2, OD1,
15, 14, 13
Input
Pullup
Output divider control pins (see Table 5)
OD0
OS1, OS0
10, 11
Input
Pullup
Output type select control pin (see Table 6)
CE
7
Input
Pullup
Chip enable control pin (see Table 7)
RSTN
12
Input
Pullup
Device reset (active low) (see Table 8)
8, 24, 27, 28,
NC
29, 30, 31,
No connection
32
(1)
Pullup and Pulldown refer to internal input resistors. See Table 1, Pin Characteristics for typical values.
Table 1. PIN CHARACTERISTICS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
CIN
Input capacitance
8
10
pF
RPULLUP
Input pullup resistor
150
k
RPULLDOWN
Input pulldown resistor
150
k
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCM61002


유사한 부품 번호 - CDCM61002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002 TI-CDCM61002 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002RHBT TI-CDCM61002RHBT Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
More results

유사한 설명 - CDCM61002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com