전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCM61002RHBR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCM61002RHBR
상세설명  Two Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002RHBR 데이터시트(HTML) 2 Page - Texas Instruments

  CDCM61002RHBR Datasheet HTML 1Page - Texas Instruments CDCM61002RHBR Datasheet HTML 2Page - Texas Instruments CDCM61002RHBR Datasheet HTML 3Page - Texas Instruments CDCM61002RHBR Datasheet HTML 4Page - Texas Instruments CDCM61002RHBR Datasheet HTML 5Page - Texas Instruments CDCM61002RHBR Datasheet HTML 6Page - Texas Instruments CDCM61002RHBR Datasheet HTML 7Page - Texas Instruments CDCM61002RHBR Datasheet HTML 8Page - Texas Instruments CDCM61002RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
DESCRIPTION, CONTINUED
f =
IN
OutputDivider
FeedbackDivider
(
( f
OUT
(1)
PFD
ChargePump
LoopFilter
Feedback
Divider
CE
LVPECL/
LVCMOS/
LVDS
LVPECL/
LVCMOS/
LVDS
OS[1...0]
OD[2...0]
PR[1...0]
2
2
3
RSTN
VCO
3.3V
CDCM61002
Crystal/
LVCMOS
Output
Driver
Output
Driver
LVCMOS
CDCM61002
SCAS870B – FEBRUARY 2009 – REVISED JULY 2009.................................................................................................................................................... www.ti.com
The CDCM61002 is a high-performance, low phase noise, fully-integrated voltage-controlled oscillator (VCO)
clock synthesizer with two universal output buffers that can be configured to be LVPECL, LVDS, or LVCMOS
compatible. Each universal output can also be converted to two LVCMOS outputs. Additionally, an LVCMOS
bypass output clock is available in an output configuration which can help with crystal loading in order to achieve
an exact desired input frequency. It has one fully-integrated, low-noise, LC-based VCO that operates in the 1.75
GHz to 2.05 GHz range.
The phase-locked loop (PLL) synchronizes the VCO with respect to the input, which can either be a
low-frequency crystal or a low-noise LVCMOS input. The outputs share an output divider sourced from the VCO
core. All device settings are managed through a control pin structure, which has two pins that control the
prescaler and feedback divider, three pins that control the output divider, two pins that control the output type,
and one pin that controls the output enable. Any time the PLL settings (including the input frequency, prescaler
divider, or feedback divider) are altered, a reset must be issued through the Reset control pin (active low for
device reset). The reset initiates a PLL recalibration process to ensure PLL lock. When the device is in reset, the
outputs and dividered are turned off.
The output frequency (fOUT) is proportional to the frequency of the input clock (fIN). The feedback divider, output
divider, and VCO frequency set fOUT with respect to fIN. For a configuration setting for common wireline and
datacom applications, refer toTable 2. For other applications, use Equation 1 to calculate the exact crystal
oscillator frequency required for the desired output.
The output divider can be chosen from 1, 2, 3, 4, 6, or 8 through the use of control pins. Feedback divider and
prescaler divider combinations can be chosen from 25 and 3, 24 and 3, 20 and 4, or 15 and 5, respectively, also
through the use of control pins. Figure 1 shows a high-level block diagram of the CDCM61002.
The device operates in a 3.3-V supply environment and is characterized for operation from –40°C to +85°C.
Figure 1. CDCM61002 Block Diagram
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCM61002


유사한 부품 번호 - CDCM61002RHBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002RHBR TI-CDCM61002RHBR Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
More results

유사한 설명 - CDCM61002RHBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com