전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA709AMJ 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UA709AMJ
상세설명  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA709AMJ 데이터시트(HTML) 4 Page - Texas Instruments

  UA709AMJ Datasheet HTML 1Page - Texas Instruments UA709AMJ Datasheet HTML 2Page - Texas Instruments UA709AMJ Datasheet HTML 3Page - Texas Instruments UA709AMJ Datasheet HTML 4Page - Texas Instruments UA709AMJ Datasheet HTML 5Page - Texas Instruments UA709AMJ Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
uA709M, uA709AM
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS096 – D942, FEBRUARY 1971 – REVISED MAY 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
electrical characteristics at specified free-air temperature, VCC ± = ± 9 V to ± 15 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TA‡
uA709AMC
uA709M
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
VIO
Input offset voltage
VO =0
RS ≤ 10 kΩ
25
°C
0.6
2
1
5
mV
VIO
Input offset voltage
VO = 0,
RS ≤ 10 kΩ
Full range
3
6
At
t
VO =0
RS =50 Ω
Full range
18
10
3
αVIO
Average temperature
coefficient of input
VO = 0,
RS = 50 Ω
Full range
1.8
10
3
µV/°C
αVIO
coefficient of input
offset voltage
VO =0
RS =10kΩ
Full range
48
25
6
µV/°C
offset voltage
VO = 0,
RS = 10 kΩ
Full range
4.8
25
6
25
°C
10
50
50
200
IIO
Input offset current
VO = 0
–55
°C
40
250
100
500
nA
125
°C
3.5
50
20
200
At
t
–55
°C to
045
28
αVIO
Average temperature
coefficient of input
VO =0
25
°C
0.45
2.8
nA/
°C
αVIO
coefficient of input
offset voltage
VO = 0
25
°C to
008
05
nA/
°C
offset voltage
125
°C
0.08
0.5
IIB
Input bias current
VO =0
25
°C
0.1
0.2
0.2
0.5
µA
IIB
Input bias current
VO = 0
–55
°C
0.3
0.6
0.5
1.5
µA
VICR
Common-mode
VCC
± = ±15 V
25
°C
±8
±10
±8
±10
V
VICR
input voltage range
VCC
± = ±15 V
Full range
±8
±8
V
VCC
± = ±15 V RL ≥ 10 kΩ
25
°C
24
28
24
28
VO(PP)
Maximum peak-to-peak
VCC
± = ±15 V, RL ≥ 10 kΩ
Full range
24
24
V
VO(PP) output voltage swing
VCC
± = ±15 V, RL = 2 kΩ
25
°C
20
26
20
26
V
VCC
± = ±15 V, RL ≥ 2 kΩ
Full range
20
20
AVD
Large-signal differential
VCC
± = ±15 V, RL ≥ 2 kΩ,
25
°C
45
45
V/mV
AVD
gg
voltage amplification
CC
±
L
VO = ± 10 V
Full range
25
70
25
70
V/mV
ri
Input resistance
25
°C
350
750
150
400
k
ri
Input resistance
–55
°C
85
185
40
100
k
ro
Output resistance
VO = 0,
See Note 5
25
°C
150
150
CMRR
Common-mode
VIC =VICRmin
25
°C
80
110
70
90
dB
CMRR
rejection ratio
VIC = VICRmin
Full range
80
70
dB
kSVS
Power supply sensitivity
VCC = ± 9V to ± 15 V
25
°C
40
100
25
150
µV/V
kSVS
yy
(
∆VIO / ∆VCC)
VCC = ± 9 V to ± 15 V
Full range
100
150
µV/V
V
±15 V No load
25
°C
2.5
3.6
2.6
5.5
ICC
Supply current
VCC
± = ±15 V, No load,
VO =0
–55
°C
2.7
4.5
mA
VO = 0
125
°C
2.1
3
VCC
± = ±15 V No load
25
°C
75
108
78
165
PD
Total power dissipation
VCC
± = ±15 V, No load,
VO = 0
–55
°C
81
135
mW
VO = 0
125
°C
63
90
† All characteristics are specified under open-loop with zero common-mode input voltage unless otherwise specified.
‡ Full range for uA709C is 0
°C to 70°C. Full range for uA709AM and uA709M is –55°C to 125°C.
§ All typical values are at VCC± = ±15 V.
NOTE 5: This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.


유사한 부품 번호 - UA709AMJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
UA709ADM FAIRCHILD-UA709ADM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
UA709AHM FAIRCHILD-UA709AHM Datasheet
888Kb / 7P
   HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
More results

유사한 설명 - UA709AMJ

제조업체부품명데이터시트상세설명
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com