전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3635 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UC3635
상세설명  Phase Locked Frequency Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3635 데이터시트(HTML) 3 Page - Texas Instruments

  UC3635 Datasheet HTML 1Page - Texas Instruments UC3635 Datasheet HTML 2Page - Texas Instruments UC3635 Datasheet HTML 3Page - Texas Instruments UC3635 Datasheet HTML 4Page - Texas Instruments UC3635 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
DC Voltage Gain
Oscillator Input to Oscillator Output
12
16
20
dB
Input DC Level (VIB)
Oscillator Input Pin Open, TJ = 25
°C
1.15
1.3
1.45
V
Input Impedance (Note 2)
VIN = VIB
±0.5V, TJ = 25°C
1.3
1.6
1.9
k
Output DC Level
Oscillator Input Pin Open, TJ = 25
°C
1.2
1.4
1.6
V
Maximum Operating Frequency
10
MHz
Dividers
Maximum Input Frequency
Input = 1Vpp at Oscillator Input
10
MHz
Div 2/4 Input Current
Input = 5V (Div. by 2)
150
500
µA
Input = 0V (Div. by 4)
-5.0
0.0
5.0
µA
Div 2/4 Threshold
0.5
1.6
2.2
V
Divider Output
High Level (w/6.8k Load to GND)
4.0
4.5
V
Low Level (Open Collector Leakage)
10
µA
Sense Amplifier
Threshold Voltage
Percent of VREF
27
30
33
%
Threshold Hysteresis
10
mV
Input Bias Current
Input = 1.5V
-1.0
-0.2
µA
Double Edge Disable Input
Input Current
Input = 5V (Disabled)
150
500
µA
Input = 0V (Enabled)
-5.0
0.0
5.0
µA
Threshold Voltage
0.5
1.6
2.2
V
Phase Detector
-Input Threshold
Detector Responds to Falling Edge
0.5
1.6
2.2
V
-Input Current
Input = 2.2V
100
250
µA
High Output Level
Positive Phase/Freq. Error, Volts Below VREF
0.2
0.5
V
Low Output Level
Negative Phase/Freq. Error
0.2
0.5
V
Mid Output Level
Zero Phase/Freq. Error, Percent of VREF
47
50
53
%
High Level Maximum Source
Current
VOUT = 4.3V
2.0
8.0
mA
Low Level Maximum Sink Current
VOUT 0.7V
2.0
5.0
mA
Mid Level Output Impedance
(Note 3)
IOUT = -200 to +200
µA, TJ = 25°C
4.5
6.0
7.5
k
Loop Amplifier
Non-Inv Reference Voltage
Percent of VREF
47
50
53
%
Input Bias Current
Input = 2.5V
-0.8
-0.2
µA
AVOL
60
75
dB
PSRR
+VIN = 8 to 15V
70
100
dB
Short Circuit Current
Source, VOUT = 0V
16
35
mA
Sink, VOUT = 5V
16
30
mA
UC1635
UC2635
UC3635
Note 3: These impedance levels will vary with TJ at about 1700ppm/
°C.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, specifications hold for TA = 0
°C to +70°C for the UC3635,
-25
°C to +85°C for the UC2635 and -55°C to +125°C for the UC1635, +Vin = 12V. TA = TJ.
3


유사한 부품 번호 - UC3635

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3635 TI-UC3635 Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC3635DW TI-UC3635DW Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC3635DWTR TI-UC3635DWTR Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC3635N TI-UC3635N Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC3635Q TI-UC3635Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
More results

유사한 설명 - UC3635

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1633 TI-UC1633 Datasheet
558Kb / 8P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI-UC1634 Datasheet
269Kb / 5P
[Old version datasheet]   Phase Locked Frequency Controller
UC1634 TI1-UC1634_08 Datasheet
295Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
UC3633Q TI-UC3633Q Datasheet
267Kb / 6P
[Old version datasheet]   Phase Locked Frequency Controller
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
   Phase-Locked Loop Frequency Synthesizer
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
   Fixed frequency phase locked synthesizer
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
   FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
   PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com