전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1005D650 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 DAC1005D650
상세설명  Dual 10-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1005D650 데이터시트(HTML) 5 Page - NXP Semiconductors

  DAC1005D650 Datasheet HTML 1Page - NXP Semiconductors DAC1005D650 Datasheet HTML 2Page - NXP Semiconductors DAC1005D650 Datasheet HTML 3Page - NXP Semiconductors DAC1005D650 Datasheet HTML 4Page - NXP Semiconductors DAC1005D650 Datasheet HTML 5Page - NXP Semiconductors DAC1005D650 Datasheet HTML 6Page - NXP Semiconductors DAC1005D650 Datasheet HTML 7Page - NXP Semiconductors DAC1005D650 Datasheet HTML 8Page - NXP Semiconductors DAC1005D650 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
DAC1005D650_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2009
5 of 41
NXP Semiconductors
DAC1005D650
Dual 10-bit DAC, up to 650 Msps; 2
× 4× and 8× interpolating
6.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
VDDA(3V3)
1
P
analog supply voltage 3.3 V
AUXAP
2
O
auxiliary DAC B output current
AUXAN
3
O
complementary auxiliary DAC B output current
AGND
4
G
analog ground
VDDA(1V8)
5
P
analog supply voltage 1.8 V
VDDA(1V8)
6
P
analog supply voltage 1.8 V
AGND
7
G
analog ground
CLKP
8
I
clock input
CLKN
9
I
complementary clock input
AGND
10
G
analog ground
VDDA(1V8)
11
P
analog supply voltage 1.8 V
d.n.c.
12
-
do not connect
d.n.c.
13
-
do not connect
TM1
14
I/O
test mode 1 (to connect to DGND)
TM0
15
I/O
test mode 0 (to connect to DGND)
VDD(IO)(3V3)
16
P
input/output buffers supply voltage 3.3 V
GNDIO
17
G
input/output buffers ground
I9
18
I
I data input bit 9 (MSB)
I8
19
I
I data input bit 8
I7
20
I
I data input bit 7
I6
21
I
I data input bit 6
I5
22
I
I data input bit 5
I4
23
I
I data input bit 4
I3
24
I
I data input bit 3
I2
25
I
I data input bit 2
VDDD(1V8)
26
P
digital supply voltage 1.8 V
DGND
27
G
digital ground
I1
28
I
I data input bit 1
I0
29
I
I data input bit 0 (LSB)
n.c.
30
I
not connected
n.c.
31
I
not connected
VDDD(1V8)
32
P
digital supply voltage 1.8 V
DGND
33
G
digital ground
n.c.
34
I
not connected
n.c.
35
I
not connected
VDDD(1V8)
36
P
digital supply voltage 1.8 V
DGND
37
G
digital ground
TM2
38
-
test mode 2 (to connect to DGND)
DGND
39
G
digital ground


유사한 부품 번호 - DAC1005D650

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1005D650HW RENESAS-DAC1005D650HW Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
More results

유사한 설명 - DAC1005D650

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1405D650 NXP-DAC1405D650 Datasheet
203Kb / 43P
   Dual 14-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-4 May 2009
DAC1205D650 NXP-DAC1205D650 Datasheet
203Kb / 42P
   Dual 12-bit DAC, up to 650 Msps; 2쨈 4쨈 and 8쨈 interpolating
Rev. 01-28 July 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Renesas Technology Corp
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com