전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDF8599A 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDF8599A
상세설명  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 7Page - NXP Semiconductors TDF8599A Datasheet HTML 8Page - NXP Semiconductors TDF8599A Datasheet HTML 9Page - NXP Semiconductors TDF8599A Datasheet HTML 10Page - NXP Semiconductors TDF8599A Datasheet HTML 11Page - NXP Semiconductors TDF8599A Datasheet HTML 12Page - NXP Semiconductors TDF8599A Datasheet HTML 13Page - NXP Semiconductors TDF8599A Datasheet HTML 14Page - NXP Semiconductors TDF8599A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
11 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
8.4 Operation mode selection
Pin MOD is used to select specific operating modes. The resistor (RMOD) connected
between pins MOD and AGND together with the non-I2C-bus/I2C-bus mode determine the
operating mode (see Table 8). The mode of operation depends on whether non-I2C-bus
mode or I2C-bus mode is active. This in turn is determined by the resistor value connected
between pins ADS and AGND.
In non-I2C-bus mode, pin MOD is used to select:
AD or BD modulation (see Section 8.4.1).
1
2 π phase shift when oscillator is used in Slave mode (see Section 8.4.2).
Parallel mode operation (see Section 8.4.3).
In I2C-bus mode, pin MOD can only select Parallel mode. In addition, the modulation
mode and phase shift are programmed using I2C-bus commands.
[1]
RADS ≥ 4.7 kΩ; See Table 13 on page 23.
[2]
RADS = 0 Ω; pin ADS is short circuited to pin AGND.
[3]
See Section 8.4.3 on page 14 for more detailed information.
In I2C-bus mode, pin MOD is latched using the I2C-bus command IB3[D7] = 1. This avoids
amplifier switching interference generating incorrect information on pin MOD.
In non-I2C-bus mode or when IB3[D7] = 0, the information on pin MOD is latched when
one of the TDF8599A’s outputs starts switching.
8.4.1 Modulation mode
In non-I2C-bus mode, pin MOD is used to select either AD or BD modulation mode (see
Table 8). In I2C-bus mode, the modulation mode is selected using an I2C-bus command.
AD modulation mode: the bridge halves switch in opposite phase.
BD modulation mode: the bridge halves switch in phase but the input signal for the
modulators is inverted.
Figure 10 and Figure 11 show simplified representations of AD and BD modulation.
Table 8.
Operation mode selection with the MOD pin
RMOD (kΩ)
I2C-bus mode[1]
Non-I2C-bus mode[2]
0 (short to AGND) Stereo mode
AD modulation: no phase shift in Slave mode
4.7
BD modulation: no phase shift in Slave mode
13
AD modulation: 1
2 π phase shift in Slave mode
33
Parallel mode[3]
BD modulation: 1
2 π phase shift in Slave mode
100
AD modulation: no phase shift in Slave mode
∞ (open)
BD modulation: no phase shift in Slave mode


유사한 부품 번호 - TDF8599A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
More results

유사한 설명 - TDF8599A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com