전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3726 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC3726
상세설명  Isolated Drive Transmitter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3726 데이터시트(HTML) 4 Page - Texas Instruments

  UC3726 Datasheet HTML 1Page - Texas Instruments UC3726 Datasheet HTML 2Page - Texas Instruments UC3726 Datasheet HTML 3Page - Texas Instruments UC3726 Datasheet HTML 4Page - Texas Instruments UC3726 Datasheet HTML 5Page - Texas Instruments UC3726 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UC1726
UC2726
UC3726
PIN DESCRIPTIONS
CF: The timing input to the fault logic. A capacitor is
placed across the input of CF and ground. The timing win-
dow is approximately t = 2.1CFRT.
CT: The connection to the timing capacitor that controls
the operating frequency. A capacitor to ground is repeti-
tively charged during the one shot pulse width. It is dis-
charged when a comparator senses zero current in the
primary side of the transformer. The one shot pulse width
is consequently determined by the time it takes to charge
the capacitor from a threshold voltage of VL/4 to VL/2.
This pin must be tied to a capacitor. See Recommended
Operating Conditions.
FAULT: This input to the fault logic initiates the user pro-
grammable timer. This time interval, specified by the ca-
pacitor on CF, determines the validity of the fault. The pin
is tied to a low cost optocoupler, and is high until the
UC1727 sends drive information from the PHI pin through
the transformer while the FAULT pin stays low. Once this
pin goes high, it must stay high during the entire fault win-
dow to be accepted as a valid fault. A valid fault sets the
FLATCH pin high and prevents the transmitting of gate
drive information until the FRESET is toggled high. If fault
logic is not used, the FAULT pin must be grounded.
FLATCH: A valid fault sets this pin to a logic one and pre-
vents the transmitting of gate drive information. The
FLATCH pin can only be reset by connecting the FRESET to
a logic 0.
FRESET: The input to the fault logic that resets the fault
logic latch (FLATCH) and enables drive transmit data. This
input must be low when powered up and stay low until af-
ter the fault latch has been set.
GND: The signal and power ground for the device. The
power ground of the output transistor is isolated on the
chip from the substrate ground which biases the remain-
der of the device.
OUTA: One output of the two totem pole outputs con-
nected across the transformer primary winding. When
PHI is high, the output toggles between 0.3V during the
one shot charge time and approximately VCC + 0.4V dur-
ing the remainder of the period. When PHI is low the out-
put toggles between VCC - 2V during the one shot charge
time and approximately 0.6VCC during the remainder of
the period.
OUTB: One output of the two totem pole outputs con-
nected across the transformer primary winding. When
PHI is high, the output toggles between VCC - 2V during
the one shot charge time and approximately 0.6VCC dur-
ing the remainder of the period. When PHI is low the out-
put toggles between 0.3V during the one shot charge
time and approximately VCC + 0.4V during the remainder
of the period.
PGND: This is the ground for the output transistors
bonded in the 28 pin packages. On the sixteen pin pack-
ages it is bonded separately to the GND pin.
PHI: A logic control input to the isolated gate drive that
changes the outputs as described above. This changes
the duty cycle of the voltage wave form applied across
the transformer. The Isolated High Side IGBT Driver
UC1727 senses the different duty cycles as different
drive commands.
PVCC: This is the input voltage for the output transistors
on the 28 pin package. On the sixteen pin packages it is
bonded separately to the VCC pin.
RT: The input that sets the CT and CF capacitor currents
with a resistor to ground. The voltage on RT is approxi-
mately 0.3VL. The resulting charge currents are: ICT =
ICF = VL / 4RT.
SHTDWN: This input shuts down the internal reference. A
TTL logic one puts the UC1726 into a low standby current
mode. This input has a pull down resistor on the chip to
guarantee proper operation when left open. If an external
logic voltage is applied to VL, this shutdown feature can-
not be used without bringing the external voltage source
to zero volts.
VCC: The input voltage that biases the outputs and the in-
ternal reference. It can vary between 8V to 35V. This sup-
ply pin will typically be greater than 28V to be compatible
with the UC1727. In order to minimize power dissipation
use an external logic supply, VCC approximately 15V, and
a step up transformer (N = 2).
VL: The logic supply pin that biases all circuits except for
the totem pole outputs. A bypass capacitor is recom-
mended on this pin when left unconnected. The internal
reference is approximately 4.4V. A 5.0V supply can be
applied to this pin to assure minimum power dissipation.
When an external supply higher than the VL voltage is
applied to this pin, the internal reference turns off.
Refer to Typical Application on Page 5 and Application Note U-143A "New Chip Pair Provides Isolated Drive
for High Voltage IGBTs"
4


유사한 부품 번호 - UC3726

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3726 TI1-UC3726 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
UC3726DWP TI1-UC3726DWP Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
UC3726DWPTR TI1-UC3726DWPTR Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
UC3726N TI1-UC3726N Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results

유사한 설명 - UC3726

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI-UC1724 Datasheet
264Kb / 4P
[Old version datasheet]   Isolated Drive Transmitter
UC1724 TI1-UC1724_08 Datasheet
291Kb / 5P
[Old version datasheet]   Isolated Drive Transmitter
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TA100PW MORNSUN-TA100PW Datasheet
345Kb / 5P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com