전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4815M 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA4815M
상세설명  Monaural Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4815M 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LA4815M Datasheet HTML 2Page - Sanyo Semicon Device LA4815M Datasheet HTML 3Page - Sanyo Semicon Device LA4815M Datasheet HTML 4Page - Sanyo Semicon Device LA4815M Datasheet HTML 5Page - Sanyo Semicon Device LA4815M Datasheet HTML 6Page - Sanyo Semicon Device LA4815M Datasheet HTML 7Page - Sanyo Semicon Device LA4815M Datasheet HTML 8Page - Sanyo Semicon Device LA4815M Datasheet HTML 9Page - Sanyo Semicon Device LA4815M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LA4815M
No.A1373-6/14
Vbias
100k
+
-
Pre-Amp
Rg2
Cin
Rg1
rg
OUT
other IC
ro
LA4815M
IN
Cin
other IC
ro
LA4815M
Cin
IN
3
3
OUT
IN
3
Notes on Using the IC
1. Voltage gain settings (Pins 1 and 8)
The voltage gain of the power amplifier is fixed by the internal resistors.
• Pins 1 and 8 be left open : Approximately 26dB
• Pins 1 and 8 connected to GND : Approximately 39.5dB
Note that the voltage gain can be changed using two resistors. (See Fig. 1)
• Voltage gain setting : According to the resistor connected between Pin 8 and Pin 2 (GND1)
* Voltage gain = 20log (20
× (625 + Rvg1)/(125 + Rvg1))
• Output DC voltage setting : According to the resistor connected between Pin 1 and Pin 2 (GND1)
* Rvg1 = Rvg2 must be satisfied.
In addition, the voltage gain can also be lowered to approximately 20dB (when using 5V or 6V power supply) by an
application such as shown in Fig. 2 below.
• Voltage gain setting : According to the resistor connected between Pin 8 and Pin 5 (OUT)
* Voltage gain = 20log (20
× (125 + Rvg3)/(10,125 + Rvg3))
• Output DC voltage setting : According to the resistor connected between Pin 1 and Pin 6 (VCC)
* Set the resistor values so that the Pin 5 (OUT) DC voltage is approximately half the supply voltage.
Example : When Rvg3 = 10k
Ω, Rvg4 = 22kΩ (when VCC = 6V)
However, note that using this method to greatly lower the voltage gain deteriorates the characteristics, so the voltage
gain should be lowered only to approximately 20dB. In addition, when using a high supply voltage (7V or more), the
clipped waveform may invert, so this voltage gain reduction method must not be used in these cases.
Figure 1
Figure 2
2. Signal source impedance : rg
The signal source impedance value rg affects the ripple rejection ratio together with input coupling capacitor Cin, so rg
should be as small as possible. Therefore, when attenuating the signal at the Cin front end as shown in Fig. 4, the
constants should be set in consideration of these characteristics. Using the smallest resistor Rg1 value possible is
recommended.
In addition, when setting the signal level, the voltage gain should be set on the LA4815M side and the input front-end
should be configured using only the input coupling capacitor, Cin, as shown in Fig. 5 in order to maximize the ripple
rejection ratio.
Figure 4
Figure 3
Figure 5
LA4815M
Rvg1
Rvg2
GAIN2
GAIN1
GND1
VCC
OUT
LA4815M
Rvg3
Rvg4
GAIN2
GAIN1
GND1
VCC
OUT
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5


유사한 부품 번호 - LA4815M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
258Kb / 14P
   Monaural Power Amplifier
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
More results

유사한 설명 - LA4815M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031-E SANYO-LA42031-E Datasheet
89Kb / 7P
   5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LA4267 SANYO-LA4267 Datasheet
70Kb / 6P
   5 W Monaural Power Amplifier
LA4268 SANYO-LA4268 Datasheet
69Kb / 6P
   10 W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com