전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F1JJ8A 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LC87F1JJ8A
상세설명  8-bit 1-chip Microcontroller with USB-host controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1JJ8A 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LC87F1JJ8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1JJ8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LC87F1JJ8A
No.A1455-3/28
Continued from preceding page.
• SIO9: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 8192 bytes, specifiable in 1 byte units)
(Suspension and resumption of data transmission possible in 1 byte units or word units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
1) Data length: 7/8/9 bits selectable
2) Stop bits:
1 bit (2 bits in continuous transmission mode)
3) Baud rate:
16/3 to 8192/3 tCYC
AD Converter: 8 bits
× 12 channels
PWM: Multifrequency 12-bit PWM
× 2 channels
Infrared Remote Control Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
μs when the 32.768kHz crystal oscillator is
selected as the base clock)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding.
3) X'tal HOLD mode release function
USB Interface (host control function)
1) Compliant with full-speed (12M bps) specifications
2) Supports 4 transfer types (control transfer, bulk transfer, interrupt transfer, and isochronous transfer).
Audio Interface
1) Sampling frequency (fs):
8kHz/11.025kHz/12kHz/16kHz/22.05kHz/24kHz/32kHz/44.1kHz/48kHz
2) Master clock frequency:
256fs/384fs
3) Bit clock selectable:
48fs/64fs
4) Data bit length:
16/18/20/24 bits
5) LSB first/MSB first mode selectable
6) Left-justification/right-justification/I2S format selectable
Watchdog Timer
• Watchdog timer using external RC circuitry
• Interrupt and reset signals selectable
Clock Output Function
1) Can output a clock with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillator clock selected
as the system clock.
2) Can output the source oscillation clock for the subclock.


유사한 부품 번호 - LC87F1JJ8A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F1JJ8A ONSEMI-LC87F1JJ8A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
More results

유사한 설명 - LC87F1JJ8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com