전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F5ND0C 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC87F5ND0C
상세설명  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5ND0C 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC87F5ND0C Datasheet HTML 1Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 2Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 3Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 4Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 5Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 6Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 7Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 8Page - Sanyo Semicon Device LC87F5ND0C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LC87F5ND0C
No.A1380-4/25
System Clock Divider Function
• Can run on low current.
• The minimum instruction cycle selectable from 250ns, 500ns, 1.0μs, 2.0μs, 4.0μs, 8.0μs, 16.0μs, 32.0μs, and
64.0
μs (at a main clock rate of 12MHz).
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) Canceled by a system reset or occurrence of interrupt.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, and crystal oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level.
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF and RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the HOLD mode is entered is retained.
3) There are four ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
On-chip Debugger Function
• Permits software debugging with the test device installed on the target board.
Package Form
• QIP100E (14 × 20) : “Lead-free type”
Development Tools
• Evaluation (EVA) chip
: LC87EV690
• Emulator
: EVA62S + ECB876600D + SUB875C00 + POD100QFP
ICE-B877300 + SUB875C00 + POD100QFP
• On-chip-debugger
: TCB87-TypeB + LC87F5ND0C
Programming Boards
Package
Programming boards
QIP100E (14
× 20)
W87F52256Q
Flash ROM Programmer
Maker
Model
Support version(Note)
Device
Flash Support Group, Inc.
(Single)
AF9708/09/09B
(including product of Ando Electric Co.,Ltd)
Revision : After Rev.02.82
LC87F5NC8A
AF9723(Main body)
(including product of Ando Electric Co.,Ltd)
Revision : After Rev.02.29
Flash Support Group, Inc.
(Gang)
AF9833(Unit)
(including product of Ando Electric Co.,Ltd)
Revision : After Rev.01.88
LC87F5NC8A
SANYO
SKK/SKK Type-B/SKK DBG Type-B
(SANYO FWS)
Application Version:
After 1.04
Chip Data Version:
After2.10
LC87F5NC8A


유사한 부품 번호 - LC87F5ND0C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F5ND0C ONSEMI-LC87F5ND0C Datasheet
178Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.0
More results

유사한 설명 - LC87F5ND0C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com