전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1849 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UC1849
상세설명  Secondary Side Average Current Mode Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC1849 데이터시트(HTML) 1 Page - Texas Instruments

  UC1849 Datasheet HTML 1Page - Texas Instruments UC1849 Datasheet HTML 2Page - Texas Instruments UC1849 Datasheet HTML 3Page - Texas Instruments UC1849 Datasheet HTML 4Page - Texas Instruments UC1849 Datasheet HTML 5Page - Texas Instruments UC1849 Datasheet HTML 6Page - Texas Instruments UC1849 Datasheet HTML 7Page - Texas Instruments UC1849 Datasheet HTML 8Page - Texas Instruments UC1849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Secondary Side Average Current Mode Controller
UC1849
UC2849
UC3849
FEATURES
Practical Secondary Side Control
of Isolated Power Supplies
1MHz Operation
Differential AC Switching Current
Sensing
Accurate Programmable
Maximum Duty Cycle
Multiple Chips Can be
Synchronized to Fastest
Oscillator
Wide Gain Bandwidth Product
(70MHz, Acl>10) Current Error
and Current Sense Amplifiers
Up to Ten Devices Can Easily
Share a Common Load
DESCRIPTION
The UC1849 family of average current mode controllers accurately accom-
plishes secondary side average current mode control. The secondary side
output voltage is regulated by sensing the output voltage and differentially
sensing the AC switching current. The sensed output voltage drives a volt-
age error amplifier. The AC switching current, monitored by a current sense
resistor, drives a high bandwidth, low offset current sense amplifier. The
outputs of the voltage error amplifier and current sense amplifier differential-
ly drive a high bandwidth, integrating current error amplifier. The sawtooth
waveform at the current error amplifier output is the amplified and inverted
inductor current sensed through the resistor. This inductor current down-
slope compared to the PWM ramp achieves slope compensation, which
gives an accurate and inherent fast transient response to changes in load.
The UC1849 features load share, oscillator synchronization, undervoltage
lockout, and programmable output control. Multiple chip operation can be
achieved by connecting up to ten UC1849 chips in parallel. The SHARE bus
and CLKSYN bus provide load sharing and synchronization to the fastest
oscillator respectively. The UC1849 is an ideal controller to achieve high
power, secondary side average current mode control.
7/95
BLOCK DIAGRAM
UDG-94110
Pin numbers refer to 24-pin packages.


유사한 부품 번호 - UC1849

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
UC1840J STMICROELECTRONICS-UC1840J Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841J TI1-UC1841J Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841J883B TI1-UC1841J883B Datasheet
942Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

유사한 설명 - UC1849

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
UC1826 TI1-UC1826_08 Datasheet
508Kb / 12P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com