전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA3101 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 SMA3101
상세설명  Silicon MMIC Wideband Amplifi er
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3101 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  SMA3101 Datasheet HTML 1Page - Sanyo Semicon Device SMA3101 Datasheet HTML 2Page - Sanyo Semicon Device SMA3101 Datasheet HTML 3Page - Sanyo Semicon Device SMA3101 Datasheet HTML 4Page - Sanyo Semicon Device SMA3101 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMA3101
No.A1431-4/5
Freqency, f -- MHz
Freqency, f -- MHz
Input Level, Pin -- dBm
Freqency, f -- MHz
RLin -- f
RLout -- f
ISO -- f
Pout -- Pin
Input Level, Pin -- dBm
Pout -- Pin
IT14492
--40
--30
--20
--10
0
--50
--60
--5
0
5
10
--10
--15
--20
VCC=5.0V
f=1.0GHz
--35
IT14489
0
0
--5
--10
--15
--20
--25
--30
1000
2000
3000
4000
--50
IT14490
0
0
--10
--20
--30
--40
1000
2000
3000
4000
--25
--30
--35
IT14491
0
0
--5
--10
--15
--20
1000
2000
3000
4000
5.5V
5.0V
4.5V
5.5V
5.0V
4.5V
5.5V
5.0V
4.5V
IT14493
--40
--30
--20
--10
0
--50
--60
--5
0
5
10
--10
--15
--20
VCC=5.0V
f=2.2GHz
Gp -- f
Frequency, f -- MHz
IT14488
0
15
20
25
30
1000
2000
3000
4000
5.5V
5.0V
4.5V
ICC -- VCC
Circuit Voltage, VCC -- V
IT14487
0
0
2
4
6
8
12
10
14
12
5
34
6


유사한 부품 번호 - SMA3101

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SMA3101 SANYO-SMA3101 Datasheet
101Kb / 5P
   Wideband Amplifier
SMA3101 SANYO-SMA3101 Datasheet
540Kb / 8P
   Wideband Amplifier
logo
ON Semiconductor
SMA3101 ONSEMI-SMA3101 Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
SMA3101-TL-E ONSEMI-SMA3101-TL-E Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
logo
Sanyo Semicon Device
SMA3101_0909 SANYO-SMA3101_0909 Datasheet
101Kb / 5P
   Wideband Amplifier
More results

유사한 설명 - SMA3101

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0486 AVAGO-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Broadcom Corporation.
MSA-0386 BOARDCOM-MSA-0386 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
MSA-0486 BOARDCOM-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
ADA-4643 AVAGO-ADA-4643 Datasheet
107Kb / 12P
   Silicon Bipolar Darlington Amplifi er
ADA-4743 AVAGO-ADA-4743 Datasheet
103Kb / 9P
   Silicon Bipolar Darlington Amplifi er
AMMC-6425 AVAGO-AMMC-6425_15 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
logo
Broadcom Corporation.
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com