전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3827N-2 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3827N-2
상세설명  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3827N-2 데이터시트(HTML) 2 Page - Texas Instruments

  UC3827N-2 Datasheet HTML 1Page - Texas Instruments UC3827N-2 Datasheet HTML 2Page - Texas Instruments UC3827N-2 Datasheet HTML 3Page - Texas Instruments UC3827N-2 Datasheet HTML 4Page - Texas Instruments UC3827N-2 Datasheet HTML 5Page - Texas Instruments UC3827N-2 Datasheet HTML 6Page - Texas Instruments UC3827N-2 Datasheet HTML 7Page - Texas Instruments UC3827N-2 Datasheet HTML 8Page - Texas Instruments UC3827N-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
DISSIPATION RATINGS
UC1827-1, UC1827-2
UC2827-1, UC2827-2
UC3827-1, UC3827-2
SLUS365A – APRIL 1999 – REVISED AUGUST 2005
The UC3827 can be set up in traditional voltage mode control using input voltage feedforward technique or in
current mode control. Using current mode control prevents potential core saturation of the push-pull transformer
due to mismatches in timing and in component tolerances. With average current mode control, precise control of
the inductor current feeding the push-pull stage is possible without the noise sensitivity associated with peak
current mode control. The UC3827 average current mode loop can also be connected in parallel with the voltage
regulation loop to assist only in fault conditions.
Other valuable features of the UC3827 include bidirectional synchronization capability, user programmable
overlap time (UC3827-1), user programmable gap time (UC3827-2), a high bandwidth differential current sense
amplifier, and soft start circuitry.
ORDERING INFORMATION(1)
PACKAGES
TA = TJ
PUSH-PULL TOPOLOGY
SOIC-24
PDIP-24
PLCC-28
Current Fed
UC1827J-1
UC1827J-1
-55°C to 125°C
Voltage Fed
UC1827J-2
UC1827J-2
Current Fed
UC2827DW-1
UC2827N-1
-
-40°C to 85°C
Voltage Fed
UC2827DW-2
UC2827N-2
-
Current Fed
UC3827DW-1
UC3827N-1
UC3827Q-1
0°C to 70°C
Voltage Fed
UC3827DW-2
UC3827N-2
-
(1)
The DW and Q packages are also available taped and reeled. Add a TR suffix to the device type (i.e., UC2827DWTR-1).
PACKAGE
(
θ
JA) JUNCTION-TO-AMBIENT
(
θ
JC) JUNCTION-TO-WHAT?
TEMPERATURE (°C/W)
TEMPERATURE (°C/W)
24-pin (N)
60(1)
30
24-pin (J)
70 to 90
28(2)
28-pin (DW)
71 to 83(3)
24(3)
28-pin (QLCC)
40-65(1)
30
(1)
Specified
θ
JA (junction-to-ambient) refers to devices mounted to 5-in
2 FR4 PC board with 1 oz. copper where noted. When a resistance
range is given, the lower values refer to a 5-in2 aluminum PC board. The test PWB is 0.062 inches thick and typically used 0.635 mm
trace widths for power packages and 1.3 mm trace widths for non-power packages with a 100 × 100 mil probe land area at the end of
each trace.
(2)
Specified
θ
JC (junction-to-what?) data values stated were derived from MIL-STD-1835B which states "The baseline values shown are
worst case (mean + 2s) for a 60 x 60 mil microcircuit device silicon die and applicable for devices with die sizes up to 14400 mils2. For
device sizes greater than 14400 mils2 use the following values; dual-in-line, 11 °C/W; flat pack, 10 °C/W; pin grid array, 10 °C/W pin grid
array, 10 °C/W."
(3)
Modeled data. If there is a value range given for
θ
JA, the lower value refers to a 3 x 3 in., 1-oz, internal copper ground plane. The higher
value refers to a 1 x 1 in. ground plane. All model data assumes only one trace for each non-fused lead.
2


유사한 부품 번호 - UC3827N-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3827-1 TI1-UC3827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827-2 TI1-UC3827-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-1 TI1-UC3827DW-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-1G4 TI1-UC3827DW-1G4 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
UC3827DW-2 TI1-UC3827DW-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

유사한 설명 - UC3827N-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com