전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3178 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UC3178
상세설명  Full Bridge Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3178 데이터시트(HTML) 3 Page - Texas Instruments

  UC3178 Datasheet HTML 1Page - Texas Instruments UC3178 Datasheet HTML 2Page - Texas Instruments UC3178 Datasheet HTML 3Page - Texas Instruments UC3178 Datasheet HTML 4Page - Texas Instruments UC3178 Datasheet HTML 5Page - Texas Instruments UC3178 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Amplifiers A & B (cont.)
Gain Bandwith Product
A Amplifier
2.0
MHz
B Amplifier
1.0
MHz
Slew Rate
1.0
V/
µs
High-Side Current Limit
0.45
0.65
A
Output Saturation Voltage
High-Side, IOUT = -100mA
0.75
V
High-Side, IOUT = -300mA
0.85
V
High-Side, IOUT = -450mA
0.9
V
Low-Side, IOUT = 100mA
0.2
V
Low-Side, IOUT = 300mA
0.25
V
Low-Side, IOUT = 450mA
0.30
V
Total Vsat, IOUT = 100mA
0.95
1.2
V
Total Vsat, IOUT = 300mA
1.05
1.4
V
Total Vsat, IOUT = 450mA
1.25
1.6
V
High-Side Diode, Vf
ID = 450mA
1.30
V
Current Sense Amplifier
Input Offset Voltage
VCM = 6V, Low range mode
2.0
mV
High range mode
4.0
mV
Input Offset Change
VCM = -1V to 13V, Supplies = 12V, Low Range Mode
2000
µV/V
with Common Mode Input
VCM = -1V to 13V, Supplies = 12V, High Range Mode
4000
µV/V
Voltage Gain
VDIFF = +1.0 to -1.0V, Vcm = 6V, High Range Mode
0.485
0.50
0.515
V/V
VDIFF = +1.0 to -1.0V, Vcm = 6V, Low Range Mode
1.95
2.0
2.05
V/V
Saturation Voltage
Low-Side, IOUT = 1mA
0.1
0.3
V
High-Side, IOUT = -1mA, Referenced to = VIN(+)
0.1
0.3
V
Input Bias Current at Ref. Input
(REF Input - C/S(+))/48kohms, Tj = 25
°C
152127
µA/V
Load Current Sense and Rectification
Sense Buffer Offset Voltage
REF Input to IDIF REF, IOUT =
±1mA
10
mV
Sense Buffer CMRR
IOUT =
±1mA, REF Input = 2V to 10V
70
90
dB
IDIF REF to IDIF Out Current
IDIF =
± 100µA, IDIF Out = 1V
0.95
1.0
1.05
A/A
Ratio
IDIF =
±1mA, IDIF Out = 1V
0.94
1.0
1.06
A/A
IDIF Out Supply Sensitivity
IDIF Out =
± 1mA, VIN(+) = 4V to 15V,REF Input = 2V
1.0
5.0
µA/V
IDIF Out Common Mode Sensitivity
IOUT =
±1mA, REF Input = 2V to10V, IDIF Out = 1V
(delta IDIF Out/delta REF Input)
1.0
5.0
µA/V
Auxiliary Functions
Inhibit Input Threshold
0.6
1.1
1.7
V
Inhibit Input Current
Inhibit Input = 1.7V
-1.0
-0.5
µA
O/C Force Input Threshold
0.6
1.1
1.7
V
O/C Force Input Current
O/C Force Input = 1.7V
50
100
µA
Range Input Threshold
0.6
1.1
1.7
V
Range Input Current
Range Input = 1.7V
50
100
µA
COMP ADJ Pin Saturation
Range Input = 0V, Pin Current =
±500µA, Referenced
Voltage
to AOUT
0.02
0.1
V
COMP ADJ Leakage Current
Range Input = 1.7V, Supplies = 12V
AOUT-VComp Adj =
±6V
5.0
µA
Total Supply Current When Inhibited
VIN(+) and VC(+) currents
1.0
1.5
mA
Thermal Shutdown Temperature
165
°C
UC3178
Unless otherwise stated specifications hold for TA = 0
°C to 70°C , VC(+) = VIN(+) = 12V,
REF Input = VIN(+)/2, O/C Input & Inhibit Input = 0V.
ELECTRICAL
CHARACTERISTICS (cont.):
3


유사한 부품 번호 - UC3178

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
More results

유사한 설명 - UC3178

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com