전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12057 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL12057
상세설명  Low Cost and Low Power I2C RTC Real Time Clock/Calendar
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12057 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL12057 Datasheet HTML 1Page - Intersil Corporation ISL12057 Datasheet HTML 2Page - Intersil Corporation ISL12057 Datasheet HTML 3Page - Intersil Corporation ISL12057 Datasheet HTML 4Page - Intersil Corporation ISL12057 Datasheet HTML 5Page - Intersil Corporation ISL12057 Datasheet HTML 6Page - Intersil Corporation ISL12057 Datasheet HTML 7Page - Intersil Corporation ISL12057 Datasheet HTML 8Page - Intersil Corporation ISL12057 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN6755.0
June 15, 2009
Absolute Maximum Ratings
Thermal Information
Voltage on VDD (respect to GND) . . . . . . . . . . . . . . . . . . -0.2V to 4V
Voltage on IRQ1/FOUT, IRQ2, SCL and SDA
(respect to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 6V
Voltage on X1 and X2 Pins (respect to GND) . . . . . . . . . -0.2V to 4V
ESD Rating ((Per MIL-STD-883 Method 3014)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>350V
Thermal Resistance (Typical)
θJA (°C/W)
8 Lead SOIC (Note 3) . . . . . . . . . . . . . . . . . . . . . . .
120
8 Lead MSOP (Note 3). . . . . . . . . . . . . . . . . . . . . . .
169
8 Lead µTDFN (Note 3) . . . . . . . . . . . . . . . . . . . . . .
160
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS
NOTES
VDD
Full Operation Power Supply
1.8
3.6
V
VDDT
Timekeeping Power Supply
1.4
1.8
V
IDD1
Standby Supply Current
VDD = 3.6V
600
950
nA
4, 10
VDD = 3.3V
500
nA
IDD2
Timekeeping Current
VDD = 1.8V
400
650
nA
4, 10
VDD = 1.6V
350
nA
IDD3
Supply Current With I2C Active at Clock
Speed of 400kHz
VDD = 3.6V
15
40
µA
4
ILI
Input Leakage Current on SCL
-100
100
nA
ILO
I/O Leakage Current on SDA
-100
100
nA
IRQ1/FOUT and IRQ2
VOL
Output Low Voltage
VDD = 1.8V, IOL = 3mA
0.4
V
Serial Interface Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNITS NOTES
SERIAL INTERFACE SPECS
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
5.5
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
0.04 x VDD
V
VPULLUP Maximum Pull-up voltage on
SDA during I2C communication
VDD + 2
V
9
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD > 1.8V, VPULLUP = 5.0V
0
0.4
V
Cpin
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD = 5V,
VIN =0V, VOUT = 0V
10
pF
7, 8
fSCL
SCL Frequency
400
kHz
tIN
Pulse width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec
is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30% of VDD,
until SDA exits the 30% to 70% of VDD
window.
900
ns
9
ISL12057


유사한 부품 번호 - ISL12057

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12057 INTERSIL-ISL12057 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL12057EVALZ RENESAS-ISL12057EVALZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL12057IBZ RENESAS-ISL12057IBZ Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
More results

유사한 설명 - ISL12057

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL12059 RENESAS-ISL12059 Datasheet
513Kb / 11P
   Low Cost and Low Power I2C Bus Real Time Clock/Calendar Low Power and Low Cost RTC
logo
Intersil Corporation
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
logo
Renesas Technology Corp
ISL12058 RENESAS-ISL12058 Datasheet
837Kb / 20P
   Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
logo
Microchip Technology
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Renesas Technology Corp
ISL12057 RENESAS-ISL12057 Datasheet
764Kb / 18P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar with Alarm Function and Dual IRQ Pins
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com