전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3741AUR 데이터시트(PDF) 9 Page - Sony Corporation

부품명 CXA3741AUR
상세설명  High-speed Buffer Amplifier for CCD Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3741AUR 데이터시트(HTML) 9 Page - Sony Corporation

Back Button CXA3741AUR Datasheet HTML 5Page - Sony Corporation CXA3741AUR Datasheet HTML 6Page - Sony Corporation CXA3741AUR Datasheet HTML 7Page - Sony Corporation CXA3741AUR Datasheet HTML 8Page - Sony Corporation CXA3741AUR Datasheet HTML 9Page - Sony Corporation CXA3741AUR Datasheet HTML 10Page - Sony Corporation CXA3741AUR Datasheet HTML 11Page - Sony Corporation CXA3741AUR Datasheet HTML 12Page - Sony Corporation CXA3741AUR Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CXA3741AUR
- 9 -
Example of Representative Characteristics
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
9.0
10.0 11.0 12.0 13.0 14.0 15.0 16.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
–50
–25
0
25
50
75
100
Ta = 25˚C, RISF0, 1 = GND,
RIDRV0 = 220k
Ω, RIDRV1 = GND,
VIN = VCC – 5V
VCC = 15V, RISF0, 1 = GND,
RIDRV0 = 220k
Ω, RIDRV1 = GND,
VIN = VCC – 5V
(Upper side) I/O voltage range vs.
IDRV pin setting resistance
(Lower side) I/O voltage range vs.
IDRV pin setting resistance
IDRV pin setting resistance [k
Ω]
IDRV pin setting resistance [k
Ω]
IDRV pin setting resistance [k
Ω]
ISF pin setting resistance [k
Ω]
Supply voltage [V]
Operating temperature [˚C]
Current consumption vs.
IDRV pin setting resistance
Sink current vs. ISF pin setting resistance
Current consumption vs. Supply voltage
Current consumption vs. Operating temperature
VCC – 0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
Ta = 25˚C
VCC = 15V
VCC = 13V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
VCC = 15V
VCC = 13V
Ta = 25˚C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
VCC = 13V
VCC = 15V
Ta = 25˚C, VIN = VCC – 5V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
Ta = 25˚C, RIDRV = 220k
Ω, VIN = VCC – 5V
VCC = 13V
VCC = 15V


유사한 부품 번호 - CXA3741AUR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
   Audio Driver for TV
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

유사한 설명 - CXA3741AUR

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3791EN SONY-CXA3791EN Datasheet
228Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com