전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA3791EN 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA3791EN
상세설명  High-speed Buffer Amplifier for CCD Image Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3791EN 데이터시트(HTML) 1 Page - Sony Corporation

  CXA3791EN Datasheet HTML 1Page - Sony Corporation CXA3791EN Datasheet HTML 2Page - Sony Corporation CXA3791EN Datasheet HTML 3Page - Sony Corporation CXA3791EN Datasheet HTML 4Page - Sony Corporation CXA3791EN Datasheet HTML 5Page - Sony Corporation CXA3791EN Datasheet HTML 6Page - Sony Corporation CXA3791EN Datasheet HTML 7Page - Sony Corporation CXA3791EN Datasheet HTML 8Page - Sony Corporation CXA3791EN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
- 1 -
E08233-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3791EN
High-speed Buffer Amplifier for CCD Image Sensor
Description
The CXA3791EN is a high-speed buffer amplifier IC.
(Applications: CCD image sensor output buffers, Digital still cameras, Camcorders, Other general buffers)
Features
Power consumption: 22mW (typ.)
(IDRV = 50
μA (180kΩ when VCC = 13V), ISF pin connected to GND, during no signal)
Push-pull output
High-speed response: 500V/
μs (IDRV = 50μA (180kΩ when VCC = 13V), CL = 20pF)
Internal sink current mode for CCD with open source output
(Settable by external resistance RISF)
Enables to set the responsibility by changing the drive current by an external resistor
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
(Ta = 25°C)
Recommended Operating Conditions
Supply voltage
VCC
16
V
Supply voltage
IN
GND – 0.3 to VCC + 0.3
V
Storage temperature
Tstg
–65 to +150
°C
Allowable power dissipation PD
0.22
W
(when mounted on a two-layer board; 13mm
× 13mm, t = 0.63mm)
Supply voltage
VCC
9.0 to 15.5
V
Operating temperature
Ta
–20 to +75
°C


유사한 부품 번호 - CXA3791EN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
   Digital CCD Camera Head Amplifier
More results

유사한 설명 - CXA3791EN

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
CXA3741AUR SONY-CXA3741AUR Datasheet
252Kb / 15P
   High-speed Buffer Amplifier for CCD Image Sensor
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
[Old version datasheet]   Low-Power, High-Speed Buffer for CCD Sensor
logo
Hamamatsu Corporation
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
   Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com