전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6115ACBZ-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL6115ACBZ-T
상세설명  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115ACBZ-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL6115ACBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6115ACBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6855.0
ISL6115A
12V Power Distribution Controllers
This fully featured hot swap power controller targets +12V
applications. The ISL6115A with its integrated charge pump
has a higher (6.5V vs 5V) gate drive than its sister part the
ISL6115 making this part an immediate efficiency
improvement replacement.
This IC features programmable overcurrent (OC) detection,
current regulation (CR) with time delay to latch-off and soft-
start.
The current regulation level is set by 2 external resistors;
RISET sets the CR Vth and the other is a low ohmic sense
element across, which the CR Vth is developed. The CR
duration is set by an external capacitor on the CTIM pin,
which is charged with a 20µA current once the CR Vth level
is reached. If the voltage on the CTIM capacitor reaches
1.9V the IC then quickly pulls down the GATE output latching
off the pass FET.
Features
• HOT SWAP Single Power Distribution Control for +12V
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Regulation Time to Latch-Off
• Rail-to-Rail Common Mode Input Voltage Range
• Enhanced Internal Charge Pump Drives N-Channel
MOSFET gate to 6.5V above IC bias.
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• 1µs Response Time to Dead Short
• Pb-Free (RoHS Compliant)
Applications
• Power Distribution Control
• Hot Plug Components and Circuitry
Pinout
ISL6115A
(8 LD SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6115AIBZ
6115A IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6115AIBZ-T*
6115A IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6115ACBZ
6115A CBZ
0 to +70
8 Ld SOIC
M8.15
ISL6115ACBZ-T* 6115A CBZ
0 to +70
8 Ld SOIC
M8.15
ISL6115AEVAL1Z Evaluation Platform
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Application Circuits- High Side Controller
ISET
ISEN
GATE
VSS
1
2
3
4
8
7
6
5
PWRON
PGOOD
CTIM
VDD
+12V
-
+
PWRON
LOAD
PGOOD
OC
1
2
3
4
8
7
6
5
ISL6115A
+V SUPPLY TO BE CONTROLLED
Data Sheet
February 25, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL6115ACBZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6115ACBZ-T INTERSIL-ISL6115ACBZ-T Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115ACBZ-T RENESAS-ISL6115ACBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

유사한 설명 - ISL6115ACBZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com