전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54230IIZ-T 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL54230IIZ-T
상세설명  Octal Multiprotocol Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54230IIZ-T 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL54230IIZ-T Datasheet HTML 1Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 2Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 3Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 4Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 5Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 6Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 7Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 8Page - Intersil Corporation ISL54230IIZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6825.2
May 28, 2009
NOTE: Switches shown in Logic “0” position. Logic “0” when INx
<0.5V
Pinouts
COM1A
COM1B
IN1
NO1B
NC1B
NO1A
NC1A
CONTROL
LOGIC
GND
OE1
OE2
VDD
SWITCHES 1 AND 2
COM2A
COM2B
NO2B
NC2B
NO2A
NC2A
USB HS SWITCH
USB HS SWITCH
IN2
6
Ω SWITCH
1
Ω SWITCH
COM3A
COM3B
IN3
NO3B
NC3B
NO3A
NC3A
CONTROL
LOGIC
GND
OE1
OE2
VDD
SWITCHES 3 AND 4
COM4A
COM4B
NO4B
NC4B
NO4A
NC4A
6
Ω SWITCH
1
Ω SWITCH
IN4
USB HS SWITCH
USB HS SWITCH
Input Select Truth Table
INx
NOx
NCx
0OFF
ON
1ON
OFF
Logic “0” when
≤ 0.5V, Logic “1” when ≥ 1.4V with a 2.7V to 3.6V
Supply.
OE Control Truth Table
OE1
OE2
SWITCH
ON
SWITCH
OFF
MODE,
WLCSP
MODE,
TQFN
00
COM2x,
COM3x
COM1x,
COM4x
USB
USB
01
COM3x,
COM4x
COM1x,
COM2x
Right
Plane
Left
Plane
10
COM1x,
COM2x
COM3x,
COM4x
Left
Plane
Right
Plane
1
1
ALL
NONE
All On
All On
Logic “0” when
≤ 0.5V, Logic “1” when ≥ 1.4V with a 2.7V to 3.6V
Supply.
Pin Descriptions
PIN NAME
COLUMN-ROW
WLCSP
PIN NUMBER
TQFN
DESCRIPTION
VDD
C5
14
Power Supply Pin
GND
D5
11
Ground Connection
OE1
C2
27
Switch Enable Control 1
OE2
D2
30
Switch Enable Control 2
IN1
B6
15
Switch Input Select 1
IN2
C6
13
Switch Input Select 2
IN3
D6
12
Switch Input Select 3
IN4
E6
10
Switch Input Select 4
COM_1A
A2
23
HS Switch Common 1A
COM_1B
C1
28
HS Switch Common 1B
ISL54230


유사한 부품 번호 - ISL54230IIZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54230IIZ-T RENESAS-ISL54230IIZ-T Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
More results

유사한 설명 - ISL54230IIZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54230 RENESAS-ISL54230 Datasheet
1Mb / 18P
   Octal Multiprotocol Switch
logo
Intersil Corporation
ISL54230 INTERSIL-ISL54230 Datasheet
1Mb / 16P
   Octal Multiprotocol Switch
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
   Real-Time Ethernet Multiprotocol (REM) Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com