전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59921IRZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL59921IRZ
상세설명  Triple Analog Video Delay Lines
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59921IRZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL59921IRZ Datasheet HTML 3Page - Intersil Corporation ISL59921IRZ Datasheet HTML 4Page - Intersil Corporation ISL59921IRZ Datasheet HTML 5Page - Intersil Corporation ISL59921IRZ Datasheet HTML 6Page - Intersil Corporation ISL59921IRZ Datasheet HTML 7Page - Intersil Corporation ISL59921IRZ Datasheet HTML 8Page - Intersil Corporation ISL59921IRZ Datasheet HTML 9Page - Intersil Corporation ISL59921IRZ Datasheet HTML 10Page - Intersil Corporation ISL59921IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6826.1
May 28, 2009
FIGURE 8. ISL59923 FREQUENCY RESPONSE (GAIN = 1)
FIGURE 9. ISL59923 FREQUENCY RESPONSE (GAIN = 2)
FIGURE 10. OFFSET CORRECTION DAC ADJUST
FIGURE 11. ISL59920 NOISE SPECTRUM (10k TO 500MHz)
FIGURE 12. ISL59921 NOISE SPECTRUM (10k TO 500MHz)
FIGURE 13. ISL59922 NOISE SPECTRUM (10k TO 500MHz)
Typical Performance Curves (Continued)
-10
-8
-6
-4
-2
0
2
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 700mVP-P
GAIN = 1
30ns
20ns
10ns
0ns
-10
-8
-6
-4
-2
0
2
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VIN = 700mVP-P
GAIN = 2
30ns
20ns
10ns
0ns
SENABLE
OUTPUT
TIMEBASE: 500ns/div
SENABLE: 1V/div
OUTPUT: 100mV/div
GAIN: 1
0
50
100
150
200
250
0M
100M
200M
300M
400M
500M
600M
FREQUENCY (Hz)
OUTPUT REFERRED
GAIN = 2
0
20
40
60
80
100
120
140
160
180
200
0M
100M
200M
300M
400M
500M
600M
FREQUENCY (Hz)
OUTPUT REFERRED
GAIN = 2
0
50
100
150
200
250
0M
100M
200M
300M
400M
500M
600M
FREQUENCY (Hz)
OUTPUT REFERRED
GAIN = 2
ISL59920, ISL59921, ISL59922, ISL59923


유사한 부품 번호 - ISL59921IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59921IR INTERSIL-ISL59921IR Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59921IR INTERSIL-ISL59921IR Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59921IR RENESAS-ISL59921IR Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

유사한 설명 - ISL59921IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com