전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59922IRZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL59922IRZ
상세설명  Triple Analog Video Delay Lines
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59922IRZ 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL59922IRZ Datasheet HTML 1Page - Intersil Corporation ISL59922IRZ Datasheet HTML 2Page - Intersil Corporation ISL59922IRZ Datasheet HTML 3Page - Intersil Corporation ISL59922IRZ Datasheet HTML 4Page - Intersil Corporation ISL59922IRZ Datasheet HTML 5Page - Intersil Corporation ISL59922IRZ Datasheet HTML 6Page - Intersil Corporation ISL59922IRZ Datasheet HTML 7Page - Intersil Corporation ISL59922IRZ Datasheet HTML 8Page - Intersil Corporation ISL59922IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6826.1
May 28, 2009
Pin Descriptions
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1VSP
+5V for delay circuitry and input amp
2RIN
Red channel video input
3
GND
0V for delay circuitry supply
4GIN
Green channel video input
5VSM
-5V for input amp
6BIN
Blue channel video input
7
CENABLE
Chip Enable input, active high: logical high enables chip, low disables chip
8
SENABLE
Serial Enable input, active low: logical low enables serial communication
9
SDATA
Serial Data input, logic threshold 1.2V: data to be programmed into chip
10
SCLOCK
Serial Clock input: Clock to enter data; logical; data written on negative edge
11
BOUT
Blue channel video output
12
VSMO
-5V for video output buffers
13
GOUT
Green channel video output
14
GNDO
0V reference for input and output buffers
15
ROUT
Red channel video output
16
VSPO
+5V for video output buffers
17
TESTB
Blue channel phase detector output
18
TESTG
Green channel phase detector output
19
TESTR
Red channel phase detector output
20
X2
Gain Select Input: logical high = 2x (+6dB), logical low = 1x (0dB)
Thermal Pad
MUST be tied to -5V. For best thermal conductivity also tie to a larger -5V copper plane (inner
or bottom). Use many vias to minimize thermal resistance between thermal pad and copper
plane. Do not connect to GND - connection to GND is equivalent to shorting the -5V and GND
planes together.
ISL59920, ISL59921, ISL59922, ISL59923


유사한 부품 번호 - ISL59922IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59922IRZ INTERSIL-ISL59922IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59922IRZ RENESAS-ISL59922IRZ Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
More results

유사한 설명 - ISL59922IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_08 Datasheet
373Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Faraday Technology
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
   ADJUSTABLE VIDEO DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com