전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14CA8-RF35I 데이터시트(PDF) 4 Page - Cypress Semiconductor

부품명 STK14CA8-RF35I
상세설명  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-RF35I 데이터시트(HTML) 4 Page - Cypress Semiconductor

  STK14CA8-RF35I Datasheet HTML 1Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 2Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 3Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 4Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-RF35I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 4 of 16
AC Test Conditions
Input Pulse Levels ....................................................0V to 3V
Input Rise and Fall Times
................................................. ≤ 5 ns
Input and Output Timing Reference Levels .................... 1.5V
Output Load..................................See Figure 4 and Figure 5
Capacitance
(TA = 25°C, f = 1.0 MHz)
Figure 4. AC Output Loading
Figure 5. AC Output Loading for Tristate Specifications
(tHZ, tLZ, tWLQZ, tWHQZ, tGLQX, tGHQZ)
Symbol
Parameter[2]
Max Units
Conditions
CIN
Input Capacitance
7
pF
ΔV = 0 to 3V
COUT
Output Capacitance
7
pF
ΔV = 0 to 3V
577 Ohms
30 pF
789 Ohms
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
577 Ohms
5 pF
789 Ohms
3.0V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
Note
2. These parameters are guaranteed but not tested.
[+] Feedback


유사한 부품 번호 - STK14CA8-RF35I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14CA8-RF35I ETC-STK14CA8-RF35I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-RF35I SIMTEK-STK14CA8-RF35I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF35I SIMTEK-STK14CA8-RF35I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK14CA8-RF35ITR SIMTEK-STK14CA8-RF35ITR Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF35ITR SIMTEK-STK14CA8-RF35ITR Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

유사한 설명 - STK14CA8-RF35I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com