전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1594 데이터시트(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 2SD1594
상세설명  Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1594 데이터시트(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1594 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1594 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1594 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon Power Transistors
2SD1594
DESCRIPTION
・With TO-220Fa package
APPLICATIONS
・Low frequency power amplifier
・High speed switching industrial use
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
150
V
VCEO
Collector-emitter voltage
Open base
100
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current (DC)
7
A
ICM
Collector current-Peak
15
A
IB
Base current (DC)
3.5
A
PC
Collector power dissipation
Ta=25℃
1.5
W
PC
Collector power dissipation
TC=25℃
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


유사한 부품 번호 - 2SD1594

제조업체부품명데이터시트상세설명
logo
Savantic, Inc.
2SD1594 SAVANTIC-2SD1594 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1594 ISC-2SD1594 Datasheet
151Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1594 SAVANTIC-2SD1594 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1594 JMNIC-2SD1594_15 Datasheet
123Kb / 3P
   Silicon Power Transistors
2SD1594_2015 JMNIC-2SD1594_2015 Datasheet
123Kb / 3P
   Silicon Power Transistors
More results

유사한 설명 - 2SD1594

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com