전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSO-AD-230-TO52 데이터시트(PDF) 2 Page - Roithner LaserTechnik GmbH

부품명 SSO-AD-230-TO52
상세설명  Avalanche Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SSO-AD-230-TO52 데이터시트(HTML) 2 Page - Roithner LaserTechnik GmbH

  SSO-AD-230-TO52 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SSO-AD-230-TO52 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings:
max. electrical power dissipation
100 mW at 22°C
max. optical peak value, once
200 mW for 1 s
max. continous optical operation
IPh (DC)
≤ 250 µA
≤ 1 mA for signal 50 µs "on" / 1 ms "out"
( Pelectr. = Popt. * Sabs * M * UR )
Application hints:
Current limit is to be realized via protecting resistor or current limiting - IC inside the
supply voltage.
Use of low noise read-out - IC.
For higher gain a regulation of bias voltage due to the temperature is to be realized.
For very small signals stray light (noise source) is to be excluded by filters in order to
improve the signal-noise relation.
Avoid touching the window with fingers!
Careful cleaning with Ethyl alcohol possible.
Avoid use of pointed and scratching tools!
Handling precautions:
Soldering temperature
260°C for max. 10 s. The device must be protected against solder flux vapour!
min. Pin - length
2mm
ESD - protection
Only small danger for the device. Standard precautionary measures are sufficient.
Storage
Store devices in conductive foam.
2000/05
SSO-AD 230
Ctot=f(UR) at f=100kHz
0
2
4
6
8
10
12
14
16
0
204060
80
100
UR (V)
SSO - AD - serie
Spectral Responsivity at M=1
0,000
0,100
0,200
0,300
0,400
0,500
0,600
400
500
600
700
800
900
1000
1100
Wavelength (nm)
SSO - AD - serie
Spectral Responsivity at M=100
0
10
20
30
40
50
60
400
500
600
700
800
900
1000
1100
Wavelength (nm)
SSO - AD - serie
quantum efficiency for M=1
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
400
480
560
640
720
800
880
960
1040
wavelength (nm)
SSO-AD 230
dark current = f(UR)
0,01
0,1
1
10
100
1000
0
20406080
100
120
140
160
UR (V)
SSO-AD 230
gain = f(UR/UBR) at
λ = 880 nm
1,00
10,00
100,00
1000,00
10000,00
0,0
0,2
0,4
0,6
0,8
1,0
UR/UBR
M
Bias supply voltage
min. 0,1 µF,
closest to APD
Current limiting resistor
Read-out circuit or
f.e. 50
Ω Load resistance
Diode, protective circuit
APD


유사한 부품 번호 - SSO-AD-230-TO52

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
More results

유사한 설명 - SSO-AD-230-TO52

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
   Avalanche Photodiode
logo
Roithner LaserTechnik G...
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
SSO-AD-800-TO5I ROITHNER-SSO-AD-800-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
SSO-AD-1100-TO5I ROITHNER-SSO-AD-1100-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52-S1 ROITHNER-SSO-AD-500-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com