전자부품 데이터시트 검색엔진 |
|
CDH45-151K 데이터시트(PDF) 5 Page - PREMO CORPORATION S.L |
|
CDH45-151K 데이터시트(HTML) 5 Page - PREMO CORPORATION S.L |
5 / 11 page CDH3216 , CDH32 , CDH3225 , CDH3226 , CDH45 , CDH45A & CDH45B SMD Power Inductors Unshielded C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain) Phone +34 951 231 320 Fax +34 951 231 321 E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com SMD Power Inductors P PPR R RE EEM M MO O O All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation. 5 CDH45 (1µH – 2200µH) Test Freq. DWG No. Inductance ( µH) Q ref. L (MHz) Q (MHz) SRF (MHz) nom. RDC ( Ω) max. Irms1 (mA) ∆T=20ºC max. Irms2 (mA) ∆T=40ºC max. CDH45 – 1R0M 1.0±20% 40 1 1 165.0 0.080 1400 1800 CDH45 – 1R5M 1.5±20% 42 1 1 130.0 0.090 1350 1750 CDH45 – 1R8M 1.8±20% 45 1 1 100.0 0.100 1300 1700 CDH45 – 2R2M 2.2±20% 40 1 1 80.0 0.110 1250 1600 CDH45 – 2R7M 2.7±20% 40 1 1 63.0 0.120 1200 1500 CDH45 – 3R3M 3.3±20% 45 1 1 58.0 0.130 1000 1400 CDH45 – 3R9M 3.9±20% 40 1 1 54.0 0.140 960 1320 CDH45 – 4R7M 4.7±20% 36 1 1 45.0 0.150 940 1240 CDH45 – 5R6M 5.6±20% 36 1 1 41.0 0.180 920 1180 CDH45 – 6R8M 6.8±20% 36 1 1 37.0 0.200 860 1100 CDH45 – 8R2M 8.2±20% 36 1 1 34.0 0.250 780 1000 CDH45 – 100M 10.0±20% 48 1 1 30.0 0.300 750 950 CDH45 – 120M 12.0±20% 48 1 1 28.0 0.420 700 800 CDH45 – 150M 15.0±20% 45 1 1 26.0 0.500 650 730 CDH45 – 180M 18.0±20% 42 1 1 22.0 0.600 570 680 CDH45 – 220K 22.0±10% 50 1 1 20.0 0.700 460 630 CDH45 – 270K 27.0±10% 50 1 1 19.0 0.900 360 520 CDH45 – 330K 33.0±10% 55 1 1 18.0 1.100 330 430 CDH45 – 390K 39.0±10% 60 1 1 17.0 1.300 310 410 CDH45 – 470K 47.0±10% 60 1 1 15.0 1.500 285 390 CDH45 – 560K 56.0±10% 58 1 1 14.0 1.600 270 385 CDH45 – 680K 68.0±10% 58 1 1 11.0 2.100 230 330 CDH45 – 820K 82.0±10% 60 1 1 11.0 2.200 215 300 CDH45 – 101K 100.0±10% 60 1 0.796 10.0 2.500 200 270 CDH45 – 121K 120.0±10% 60 1 0.796 9.0 3.000 180 240 CDH45 – 151K 150.0±10% 55 1 0.796 8.5 3.700 165 220 CDH45 – 181K 180.0±10% 55 1 0.796 7.0 4.500 145 200 CDH45 – 221K 220.0±10% 45 1 0.796 6.3 5.400 130 185 CDH45 – 271K 270.0±10% 50 1 0.796 6.0 8.000 110 140 CDH45 – 331K 330.0±10% 55 1 0.796 5.8 11.500 100 120 CDH45 – 391K 390.0±10% 50 1 0.796 5.2 13.000 95 110 CDH45 – 471K 470.0±10% 50 0.001 0.796 5.0 14.200 85 105 CDH45 – 561K 560.0±10% 53 0.001 0.796 4.5 15.500 80 100 |
유사한 부품 번호 - CDH45-151K |
|
유사한 설명 - CDH45-151K |