전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP150N-99S12J 데이터시트(PDF) 4 Page - Emerson Network Power

부품명 TLP150N-99S12J
상세설명  Single output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EMERSON-NETWORKPOWER [Emerson Network Power]
홈페이지  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150N-99S12J 데이터시트(HTML) 4 Page - Emerson Network Power

  TLP150N-99S12J Datasheet HTML 1Page - Emerson Network Power TLP150N-99S12J Datasheet HTML 2Page - Emerson Network Power TLP150N-99S12J Datasheet HTML 3Page - Emerson Network Power TLP150N-99S12J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.7.8.09_140
TLP150 Medical Series
4 of 4
ConnectorandMatingConnectorTypes
Connector
Type
MatingConnectorType
J1
Molex09-65-2038(5273series)
voidpin2orequivalent
Molex09-52-4034(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J3
Molex09-65-2068(5273series)
orequivalent
Molex09-52-4064(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J301
(Optional)
Leoco2421P04H000(2421series)
orequivalent
Leoco2420S04000(2420series)orequivalent
withLeoco2453TPH00V1(2453Tseries)orequivalentcrimp
terminals
or
JSTEHR-4(EHseries)orequivalentwith
JSTSEH-001T-P0.6(EHseries)orequivalentcrimpterminals
Fan
Molex22-23-2021(6373series)
orequivalent
Molex22-01-3027(2695series)orequivalentwith
Molex08-50-0113(2759series)orequivalentcrimpterminals
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower@
emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
Network Power logo are trademarks and
servicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
J1PinConnections
Pin1
Neutral
Pin3
Live
J2TabConnections
Tan
Ground/Earth
Fan Pin Connections
Pin1
+12V
FanVoltage
Pin2
+SGND
Return
J301PinConnections(Optional)
Pin1
5Vsb
StandbyVoltage
Pin2
SGND
Signal Common
Pin3
Reserved
DoNotConnect
Pin4
PSOFF
RemoteON/OFFSignal
J4PinConnections
Pin1
-S
-VoRemoteSense
Pin2
DCOK
DCPowerGoodSignal
Pin3
PWOK
PowerGood
Pin4
LS
LoadShareSignal
Pin5
+S
+VoRemoteSense
Pin 6
SGND
Signal Common
J3PinConnections
Pin1
RTN
MainReturn
Pin2
RTN
MainReturn
Pin3
RTN
MainReturn
Pin4
Vo
+MainOutput
Pin5
Vo
+MainOutput
Pin 6
Vo
+MainOutput


유사한 부품 번호 - TLP150N-99S12J

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
784Kb / 4P
   150 W on main channel with only 200 LFM
logo
Artesyn Technologies
TLP150N-99S12J ARTESYN-TLP150N-99S12J Datasheet
673Kb / 4P
   Single Output 150 Watt
More results

유사한 설명 - TLP150N-99S12J

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com