전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRA109 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KRA109
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA109 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KRA109 Datasheet HTML 1Page - KEC(Korea Electronics) KRA109 Datasheet HTML 2Page - KEC(Korea Electronics) KRA109 Datasheet HTML 3Page - KEC(Korea Electronics) KRA109 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 2. 25
2/4
KRA107~KRA109
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA107~109
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA107
GI
VO=-5V, IO=-10mA
80
150
-
KRA108
80
150
-
KRA109
70
140
-
Output Voltage
KRA107~109
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA107
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.2
-1.8
V
KRA108
-
-1.8
-2.6
KRA109
-
-3.0
-5.8
Input Votlage (OFF)
KRA107
VI(OFF)
VO=-5V, IO=-0.1mA
-0.5
-0.75
-
V
KRA108
-0.6
-0.88
-
KRA109
-1.5
-1.82
-
Transition Frequency
KRA107~109
fT *
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
KRA107
II
VI=-5V
-
-
-0.88
mA
KRA108
-
-
-0.36
KRA109
-
-
-0.16
Switching
Time
Rise
Time
KRA107
tr
VO=-5V, VIN=-5V
RL=1kΩ
-
0.07
-
μS
KRA108
-
0.20
-
KRA109
-
0.38
-
Storage
Time
KRA107
tstg
-
1.1
-
KRA108
-
0.3
-
KRA109
-
0.7
-
Fall
Time
KRA107
tf
-
0.35
-
KRA108
-
0.4
-
KRA109
-
0.48
-
Note : * Characteristic of Transistor Only.
Input Resistor
KRA107
R1
-
7
10
13
kΩ
KRA108
15.4
22
28.6
KRA109
32.9
47
61.1
Resistor Ratio
KRA107
R2/R1
-
3.7
4.7
5.7
KRA108
1.7
2.1
2.6
KRA109
0.37
0.47
0.57


유사한 부품 번호 - KRA109

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA109 KEC-KRA109 Datasheet
383Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA109M KEC-KRA109M Datasheet
360Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA109S KEC-KRA109S Datasheet
357Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA109S KEC-KRA109S Datasheet
94Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KRA109

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com