전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M-FIAM7MN3 데이터시트(PDF) 4 Page - Vicor Corporation

부품명 M-FIAM7MN3
상세설명  Military COTS 28 Vin Filter Input Attenuator Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM7MN3 데이터시트(HTML) 4 Page - Vicor Corporation

  M-FIAM7MN3 Datasheet HTML 1Page - Vicor Corporation M-FIAM7MN3 Datasheet HTML 2Page - Vicor Corporation M-FIAM7MN3 Datasheet HTML 3Page - Vicor Corporation M-FIAM7MN3 Datasheet HTML 4Page - Vicor Corporation M-FIAM7MN3 Datasheet HTML 5Page - Vicor Corporation M-FIAM7MN3 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM7
Rev. 2.4
Page 4 of 6
Set your site on VICOR at vicorpower.com
Figure 3 – Transient Immunity; M-FIAM7 output response to
an input transient.
Figure 4 `– Inrush Limiting; Inrush current with 1000 μF
external capacitance.
Figure 7 – Basic connection diagram with Transient, Surge Protection and Recommended Reverse Polarity Protection.
EMI
GND
NC
++
NC
NC
ON
OFF
C1
MFIAM7
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
-In
PC
VC
TM
+In
-Out
+Out
VTM
+Out
-Out
K
Ro
Transorb
P/N
19180-510
C
C
C
C
F1
Component Suggestions
Recommended Fuse: (F1) 10 A (max), Bussmann ABC style
Capacitance: (C1) 330 µF (min), 1000 µF (max); (C) 4700 pF
Input
Figure 5 – M-FIAM7 EMI Compliance only
0
M-FIAM7 EMI Compliance Only
Input Voltage (VDC)
5
10152025
30
35404550
600
500
400
300
200
100
Safe Operating
Area
Figure 6 – M-FIAM7 EMI and MIL-STD-1275D Transient
Compliance
0
M-FIAM7 EMI and MIL-STD-1275D
Transient Compliance
Input Voltage (VDC)
140
130
120
110
100
Safe Operating
Area
010
20
3040506070
80
90
100
110
14
(Normal Operation)
(Transient 50 mS max.)


유사한 부품 번호 - M-FIAM7MN3

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI11 POWERBOX-M-FIAM3BI11 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI12 POWERBOX-M-FIAM3BI12 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
M-FIAM3BI13 POWERBOX-M-FIAM3BI13 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

유사한 설명 - M-FIAM7MN3

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
M-FIAM5BM21 VICOR-M-FIAM5BM21 Datasheet
432Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com