전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA-4G7UW-B 데이터시트(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

부품명 BA-4G7UW-B
상세설명  green chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BRIGHT [BRIGHT LED ELECTRONICS CORP]
홈페이지  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-4G7UW-B 데이터시트(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BA-4G7UW-B Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-4G7UW-B Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-4G7UW-B Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BA
A--4
4G
G7
7U
UW
W--B
B
Ver.1.0 Page 2 of 3
SINCE 1981
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
Pd
160
mW
Forward Current Per Segment
IF
30
mA
Peak Forward Current Per Segment
IFP
(Duty 1/10, 1KHZ)
150
mA
Reverse Voltage Per Segment
VR
5
V
Operating Temperature
Topr
-40℃~80℃
-
Storage Temperature
Tstg
-40℃~85℃
-
Soldering Temperature
(1/16" From Body)
Tsol
260℃ For 5 Seconds
-
Electrical And Optical Characteristics(Ta=25℃)
Parameter
Symbol Condition
Min.
Typ.
Max.
Unit
Forward Voltage Per Segment
Vf
IF=10mA
-
4.2
5.0
V
Luminous Intensity Per Segment
Iv
IF=10mA
-
8.0
-
mcd
Reverse Current Per Segment
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=10mA
-
568
-
nm
Dominant Wave Length
λ
d
IF=10mA
569
-
574
nm
Spectral Line Half-width
∆λ
IF=10mA
-
30
-
nm
佰鴻工業股份有限公司
http://www.brtled.com


유사한 부품 번호 - BA-4G7UW-B

제조업체부품명데이터시트상세설명
logo
Yellow Stone Corp
BA-4G7UW-B YSTONE-BA-4G7UW-B Datasheet
144Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
More results

유사한 설명 - BA-4G7UW-B

제조업체부품명데이터시트상세설명
logo
BRIGHT LED ELECTRONICS ...
BA-2G10UW BRIGHT-BA-2G10UW Datasheet
145Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-A302ND-A BRIGHT-BD-A302ND-A Datasheet
208Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-F542RD BRIGHT-BD-F542RD Datasheet
163Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A502RD BRIGHT-BD-A502RD Datasheet
255Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C402ND BRIGHT-BD-C402ND Datasheet
171Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E402RD BRIGHT-BD-E402RD Datasheet
245Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-2G2UW BRIGHT-BA-2G2UW Datasheet
183Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A512RD BRIGHT-BD-A512RD Datasheet
186Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C542RD BRIGHT-BD-C542RD Datasheet
248Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com