전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N2990R 데이터시트(PDF) 1 Page - Naina Semiconductor ltd.

부품명 1N2990R
상세설명  10 WATT ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NAINA [Naina Semiconductor ltd.]
홈페이지  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

1N2990R 데이터시트(HTML) 1 Page - Naina Semiconductor ltd.

  1N2990R Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - 1N2990R

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N2990R MICROSEMI-1N2990R Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N2990RA MICROSEMI-1N2990RA Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N2990RB MICROSEMI-1N2990RB Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2990RB NJSEMI-1N2990RB Datasheet
90Kb / 1P
   REF/REG DIODE, 5W < P(D) < 10W
logo
Microsemi Corporation
1N2990RC MICROSEMI-1N2990RC Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

유사한 설명 - 1N2990R

제조업체부품명데이터시트상세설명
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com