전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA303-IHZ 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 SA303-IHZ
상세설명  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303-IHZ 데이터시트(HTML) 1 Page - Cirrus Logic

  SA303-IHZ Datasheet HTML 1Page - Cirrus Logic SA303-IHZ Datasheet HTML 2Page - Cirrus Logic SA303-IHZ Datasheet HTML 3Page - Cirrus Logic SA303-IHZ Datasheet HTML 4Page - Cirrus Logic SA303-IHZ Datasheet HTML 5Page - Cirrus Logic SA303-IHZ Datasheet HTML 6Page - Cirrus Logic SA303-IHZ Datasheet HTML 7Page - Cirrus Logic SA303-IHZ Datasheet HTML 8Page - Cirrus Logic SA303-IHZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SA303
SA303U

P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
The SA303 is a fully integrated switching amplifier
designed primarily to drive three-phase Brushless
DC (BLDC) motors. Three independent half bridges
provide over 10 amperes peak output current under
microcontroller or DSC control. Thermal and short cir-
cuit monitoring is provided, which generates fault sig-
nals for the microcontroller to take appropriate action.
A block diagram is provided in Figure 1.
Additionally, cycle-by-cycle current limit offers user
programmable hardware protection independent of the
microcontroller. Output current is measured using an
innovative low loss technique. The SA303 is built using
a multi-technology process allowing CMOS logic con-
trol and complementary DMOS output power devices
on the same IC. Use of P-channel high side FETs en-
ables 60V operation without bootstrap or charge pump
circuitry.
The Power Quad surface mount package balances ex-
cellent thermal performance with the advantages of a
low profile surface mount package.
FEATURES
♦ Low Cost 3 Phase Intelligent Switching
Amplifier
♦ Directly Connects to Most Embedded Micro-
controllers and Digital Signal Controllers
♦ Integrated Gate Driver Logic with Dead-Time
Generation and Shoot-through Prevention
♦ Wide Power Supply Range (8.5V To 60V)
♦ Over 10A Peak Output Current per Phase
♦ 3A Continuous Output Current per Phase
♦ Independent Current Sensing for each Output
♦ User Programmable Cycle-by-cycle Current
Limit Protection
♦ Over-Current and Over-Temperature Warning
Signals
APPLICATIONS
♦ 3 phase brushless DC motors
♦ Multiple DC brush motors
♦ 3 independent solenoid actuators
3 Phase Switching Amplifier
SA303
P r o d u c t I n n o v a t i o n F r o m
FIgURE.BLOCKDIAgRAm
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
mAY2009
APEX − SA303UREVA
SA303 Switching Amplifier
Vs (phase A)
PG ND(A&B)
Gate
Control
PWM
Signals
A
B
C
O ut A
O ut B
O ut C
PG ND(C)
TEM P
GND
Vs (phase B&C)
V
S +
I
LIM/D IS 1
SC
DIS2
SG ND
Phase A
Phase C
Phase B
Control
Logic
V
DD
Ia'
Ib'
Ic'
Ia'
Ib'
Ic'
Fault
Logic
Ia
Ic
Ib
At
Ab
Bt
Bb
Ct
Cb
V
DD
V
DD
V
DD


유사한 부품 번호 - SA303-IHZ

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA303-IHZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com