전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD-A502RD 데이터시트(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

부품명 BD-A502RD
상세설명  green chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BRIGHT [BRIGHT LED ELECTRONICS CORP]
홈페이지  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-A502RD 데이터시트(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-A502RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-A502RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-A502RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--A
A5
50
02
2R
RD
D
Ver.1.0 Page 1 of 3
SINCE 1981
Package Dimensions :
19.00(.748)
3.00(.118) MIN.
12.70(.500)
0.50(.020)
25.00(.984)
10
2.54(.100)
8.00(.315)
1.5(.059)
7.10(.280)
15.24(.600)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.50 inch (12.70mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Direct drive common anode.
Description :
1.
The BD-A502RD is a 12.7mm(0.50")
high dual digit seven segments display.
2.
This product use green chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


유사한 부품 번호 - BD-A502RD

제조업체부품명데이터시트상세설명
logo
Yellow Stone Corp
BD-A502RD YSTONE-BD-A502RD Datasheet
197Kb / 2P
   DUAL DIGIT LED DISPLAYS
BD-A502RD-A YSTONE-BD-A502RD-A Datasheet
197Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

유사한 설명 - BD-A502RD

제조업체부품명데이터시트상세설명
logo
BRIGHT LED ELECTRONICS ...
BA-2G10UW BRIGHT-BA-2G10UW Datasheet
145Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-4G7UW-B BRIGHT-BA-4G7UW-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-A302ND-A BRIGHT-BD-A302ND-A Datasheet
208Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-F542RD BRIGHT-BD-F542RD Datasheet
163Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-C402ND BRIGHT-BD-C402ND Datasheet
171Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E402RD BRIGHT-BD-E402RD Datasheet
245Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-2G2UW BRIGHT-BA-2G2UW Datasheet
183Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A512RD BRIGHT-BD-A512RD Datasheet
186Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C542RD BRIGHT-BD-C542RD Datasheet
248Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com