전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ44C251B10HJM 데이터시트(PDF) 8 Page - Austin Semiconductor

부품명 SMJ44C251B10HJM
상세설명  256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUSTIN [Austin Semiconductor]
홈페이지  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44C251B10HJM 데이터시트(HTML) 8 Page - Austin Semiconductor

Back Button SMJ44C251B10HJM Datasheet HTML 4Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 5Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 6Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 7Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 8Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 9Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 10Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 11Page - Austin Semiconductor SMJ44C251B10HJM Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
VRAM
VRAM
VRAM
VRAM
VRAM
SMJ44C251B
MT42C4256
Austin Semiconductor, Inc.
SMJ44C251B/MT42C4256
Rev. 0.1 12/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
RAS\-ONLY REFRESH (continued)
all bits in each row to be refreshed. CAS\ can remain high
(inactive) for this refresh sequence to conserve power.
CAS\-BEFORE-RAS\ (CBR) REFRESH
CBR refresh is accomplished by bringing CAS\ low earlier
than RAS\. The external row address is ignored and the refresh
row address is generated internally when using CBR refresh.
Other cycles can be performed in between CBR cycles without
disturbing the internal address generation.
HIDDEN REFRESH
A hidden refresh is accomplished by holding CAS\ low in
the DRAM-read cycle and cycling RAS\. The output data of
the DRAM-read cycle remains valid while the refresh is being
carried out. Like the CBR refresh, the refreshed row addresses
are generated internally during the hidden refresh.
WRITE-PER-BIT
The write-per-bit feature allows masking of any
combination of the four DQs on any write cycle (see Figure 1).
The write-per-bit operation is invoked only when W\ is held
low on the falling edge of RAS\. If W\ is held high on the falling
edge of RAS\, write-per-bit is not enabled and the write
operation is performed to all four DQs. The SMJ44C251B/
MT42C4256 offers two write-per-bit modes: the nonpersistent
write-per-bit mode and the persistent write-per-bit mode.
NONPERSISTENT WRITE-PER-BIT
When DSF is low on the falling edge of RAS\, the write
mask is reloaded. A 4-bit code (the write-per-bit mask) is input
to the device via the random DQ terminals and latched on the
falling edge of RAS\. The write-per-bit mask selects which of
the four random I/Os are written and which are not. After RAS\
has latched the on-chip write-per-bit mask, input data is driven
onto the DQ terminals and is latched on the later falling edge of
CAS\ or W\. When a data low is strobed into a particular I/O on
the falling edge of RAS\, data is not written to that I/O. When
a data high is strobed into a particular I/O on the falling edge of
RAS\, data is written to that I/O.
PERSISTENT WRITE-PER-BIT
When DSF is high on the falling edge of RAS\, the write-
per-bit mask is not reloaded: it retains the value stored during
the last write-per-bit mask reload. This mode of operation is
known as persistent write-per-bit because the write-per-bit mask
is persistent over an arbitrary number of write cycles. The write-
per-bit mask reload can be done during the nonpersistent write-
per-bit cycle or by the mask-register-load cycle.
BLOCK WRITE
The block-write mode allows data (present in an on-chip
color register) to be written into four consecutive
column-address locations. The 4-bit color register is loaded by
the color-register-load cycle. Both write-per-bit modes can be
applied in the block-write cycle. The block-write mode also
offers the 4 × 4 column-mask capability.
LOAD COLOR REGISTER
The load-color-register cycle is performed using normal
DRAM write-cycle timing except that DSF is held high on the
falling edges of RAS\ and CAS\. A 4-bit code is input to the
color register via the random I/O terminals and latched on the
later of the falling edge of CAS\ or W\. After the color register is
loaded, it retains data until power is lost or until another load-
color-register cycle is executed.
BLOCK WRITE CYCLE
After the color register is loaded, the block-write cycle can
begin as a normal DRAM write cycle with DSF held high on the
falling edge of CAS\ (see Figures 2, 3, and 4). When the block-
write cycle is invoked, each data bit in the 4-bit color register is
written to selected bits of the four adjacent columns of the
corresponding random I/O.
During block-write cycles, only the seven most significant
column addresses (A2–A8) are latched on the falling edge of
CAS\. The two least significant addresses (A0–A1) are replaced
by four DQ bits (DQ0–DQ3), which are also latched on the later
of the falling edge of CAS\ or W\. These four bits are used as a
column mask, and they indicate which of the four
column-address locations addressed by A2–A8 are written with
the contents of the color register during the block-write cycle.
DQ0 enables a write to column-address A1 = 0 (low), A0 = 0
(low); DQ1 enables a write to column-address A1 = 0 (low),
A0 = 1 (high); DQ2 enables a write to column-address A1 = 1
(high), A0 = 0 (low); DQ3 enables a write to column-address A1
= 1 (high), A0 = 1 (high). A high logic level enables a write, and
a low logic level disables the write. A maximum of 16 bits (4 × 4)
can be written to memory during each CAS\ cycle in the block-
write mode.


유사한 부품 번호 - SMJ44C251B10HJM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
More results

유사한 설명 - SMJ44C251B10HJM

제조업체부품명데이터시트상세설명
logo
Austin Semiconductor
AS4C4256883C AUSTIN-AS4C4256883C Datasheet
7Mb / 11P
   256K x 4 DRAM
logo
Hynix Semiconductor
HY534256A HYNIX-HY534256A Datasheet
755Kb / 15P
   256K x 4-bit CMOS DRAM
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
logo
ATMEL Corporation
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com