전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM05-0006 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 AM05-0006
부품 상세설명  High Intercept Amplifier, 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM05-0006 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM05-0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM05-0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM05-0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Intercept Amplifier,
15 - 100 MHz
Rev. V2
AM05-0006
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Gain: 10.1 dB Nominal
IP3 of +43 dBm Typical
Land Grid Array (LGA) Package
Compression point of +27 dBm Typical
50 ohm impedance
Test boards are available
Tape and Reel Packaging Available
Description
M/A-COM’s AM05-0006 is a coupler feedback
amplifier with high intercept and compression points.
This device is in a ceramic land grid array package.
This package is designed for standard surface
mount pick and place. Due to the ceramic package
the thermal rise minimized. The ground plane on the
PC board should be configured to remove heat from
under the package. AM05-0006 is ideally suited for
use where a high intercept commercial amplifier is
required at a low cost.
LGA-1
Electrical Specifications:
TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
50 MHz
dB
9.6
10.1
10.6
Gain Flatness
15 - 100 MHz
dB
±0.2
±0.4
VSWR
15 - 100 MHz
Ratio
1.4:1
1.8:1
1 dB Compression
Output Power
15 - 100 MHz
dBm
23
27
Output IP2
Two-Tone inputs up to +10 dBm
15 - 100 MHz
dBm
55
65
Output IP3
Two-Tone inputs up to +10 dBm
15 - 100 MHz
dBm
40
46
Noise Figure
15 - 100 MHz
dB
3.0
5.0
Reverse Transmission
15 - 100 MHz
dB
-14
-13
+V
V
11.4
12.0
12.6
Ibias
1.1 W Typical
mA
88
120


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn