전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7781BRZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7781BRZ
상세설명  20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7781BRZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7781BRZ Datasheet HTML 2Page - Analog Devices AD7781BRZ Datasheet HTML 3Page - Analog Devices AD7781BRZ Datasheet HTML 4Page - Analog Devices AD7781BRZ Datasheet HTML 5Page - Analog Devices AD7781BRZ Datasheet HTML 6Page - Analog Devices AD7781BRZ Datasheet HTML 7Page - Analog Devices AD7781BRZ Datasheet HTML 8Page - Analog Devices AD7781BRZ Datasheet HTML 9Page - Analog Devices AD7781BRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7781
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD to GND
−0.3 V to +7 V
DVDD to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to GND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to DVDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to DVDD + 0.3 V
AIN/Digital Input Current
10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering Reflow
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5.
Package Type
θJA
θJC
Unit
14-Lead SOIC
104.5
42.9
°C/W
16-Lead TSSOP
150.4
27.6
°C/W
ESD CAUTION


유사한 부품 번호 - AD7781BRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7781BRZ AD-AD7781BRZ Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
AD7781BRZ-REEL AD-AD7781BRZ-REEL Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
More results

유사한 설명 - AD7781BRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
AD7780 AD-AD7780 Datasheet
429Kb / 16P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com