전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8276BRZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8276BRZ
상세설명  Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8276BRZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8276BRZ Datasheet HTML 7Page - Analog Devices AD8276BRZ Datasheet HTML 8Page - Analog Devices AD8276BRZ Datasheet HTML 9Page - Analog Devices AD8276BRZ Datasheet HTML 10Page - Analog Devices AD8276BRZ Datasheet HTML 11Page - Analog Devices AD8276BRZ Datasheet HTML 12Page - Analog Devices AD8276BRZ Datasheet HTML 13Page - Analog Devices AD8276BRZ Datasheet HTML 14Page - Analog Devices AD8276BRZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8276/AD8277
Rev. A | Page 11 of 20
30
25
20
15
10
5
0
–5
–10
–15
–20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 25. Short-Circuit Current Per Channel vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
–SR
+SR
Figure 26. Slew Rate vs. Temperature, VIN = 20 V p-p, 1 kHz
8
6
4
2
0
–2
–4
–6
–8
–10
–8
–6
–4
–2
02468
10
OUTPUT VOLTAGE (V)
Figure 27. Gain Nonlinearity, VS = ±15 V, RL ≥ 2 kΩ
0.002%/DIV
5V/DIV
11.24 µs TO 0.01%
13.84µs TO 0.001%
40µs/DIV
TIME (µs)
Figure 28. Large-Signal Pulse Response and Settling Time, 10 V Step,
VS = ±15 V
0.002%/DIV
1V/DIV
4.34 µs TO 0.01%
5.12µs TO 0.001%
40µs/DIV
TIME (µs)
Figure 29. Large-Signal Pulse Response and Settling Time, 2 V Step,
VS = 2.7 V
10µs/DIV
Figure 30. Large-Signal Step Response


유사한 부품 번호 - AD8276BRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

유사한 설명 - AD8276BRZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8279 AD-AD8279 Datasheet
671Kb / 18P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
AD8476 AD-AD8476 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com