전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8363 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD8363
상세설명  50 Hz to 6 GHz, 50 dB TruPwr??Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8363 데이터시트(HTML) 3 Page - Analog Devices

  AD8363 Datasheet HTML 1Page - Analog Devices AD8363 Datasheet HTML 2Page - Analog Devices AD8363 Datasheet HTML 3Page - Analog Devices AD8363 Datasheet HTML 4Page - Analog Devices AD8363 Datasheet HTML 5Page - Analog Devices AD8363 Datasheet HTML 6Page - Analog Devices AD8363 Datasheet HTML 7Page - Analog Devices AD8363 Datasheet HTML 8Page - Analog Devices AD8363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD8363
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VPOS = 5 V, TA = 25°C, ZO = 50 Ω, single-ended input drive, VOUT connected to VSET, VTGT = 1.4 V, CLPF = 3.9 nF, CHPF = 2.7 nF, error
referred to best-fit line (linear regression) from −20 dBm to −40 dBm, unless otherwise noted. Negative current values imply that the
AD8363 is sourcing current out of the indicated pin.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
6
GHz
RF INPUT INTERFACE
INHI (Pin 14), INLO (Pin 15), ac-coupled
Input Resistance
Single-ended drive
50
Ω
Common-Mode DC Voltage
2.6
V
100 MHz
TCM1 (Pin 16) = 0.47 V, TCM2 (Pin 1) = 1.0 V, INHI input
Output Voltage: High Power In
PIN = −10 dBm
2.47
V
Output Voltage: Low Power In
PIN = −40 dBm
0.92
V
±1.0 dB Dynamic Range
CW input, TA = 25°C
65
dB
Maximum Input Level, ±1.0 dB
9
dBm
Minimum Input Level, ±1.0 dB
−56
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = −10 dBm
−0.2/+0.3
dB
−40°C < TA < +85°C; PIN = −40 dBm
−0.5/+0.6
dB
Logarithmic Slope
51.7
mV/dB
Logarithmic Intercept
−58
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (W-CDMA), over 40 dB dynamic range
<±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 40 dB dynamic range
<±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 40 dB dynamic
range
<±0.1
dB
256 QAM, CF = 8 dB, over 40 dB dynamic range
<±0.1
dB
Input Impedance
Single-ended drive
49 − j0.09
Ω
900 MHz
TCM1 (Pin 16) = 0.5 V, TCM2 (Pin 1) = 1.2 V, INHI input
Output Voltage: High Power In
PIN = −15 dBm
2.2
V
Output Voltage: Low Power In
PIN = −40 dBm
0.91
V
±1.0 dB Dynamic Range
CW input, TA = 25°C
54
dB
Maximum Input Level, ±1.0 dB
−2
dBm
Minimum Input Level, ±1.0 dB
−56
dBm
Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C; PIN = −15 dBm
+0.6/−0.4
dB
−40°C < TA < +85°C; PIN = −40 dBm
+0.8/−0.6
dB
Logarithmic Slope
51.8
mV/dB
Logarithmic Intercept
−58
dBm
Deviation from CW Response
13 dB peak-to-rms ratio (W-CDMA), over 40 dB dynamic range
<±0.1
dB
12 dB peak-to-rms ratio (WiMAX), over 40 dB dynamic range
<±0.1
dB
14.0 dB peak-to-rms ratio (16C CDMA2K), over 40 dB dynamic
range
<±0.1
dB
256 QAM, CF = 8 dB, over 40 dB dynamic range
<±0.1
dB
Input Impedance
Single-ended drive
60 − j3.3
Ω


유사한 부품 번호 - AD8363

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8363-EVALZ AD-AD8363-EVALZ Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363-EVALZ AD-AD8363-EVALZ Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8363ACPZ-R2 AD-AD8363ACPZ-R2 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
More results

유사한 설명 - AD8363

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8363 AD-AD8363 Datasheet
3Mb / 14P
   50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
   50 Hz to 6 GHz, 50 dB TruPwr Detector
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
AD8362 AD-AD8362 Datasheet
11Kb / 36P
   50 Hz to 2.7 GHz 60 dB TruPwr??Detector
REV. B
AD8362 AD-AD8362_15 Datasheet
896Kb / 32P
   50 Hz to 3.8 GHz 65 dB TruPwr Detector
Rev. E
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com