전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMPA2010 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 SMPA2010
상세설명  Cascadable Amplifier 200 to 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPA2010 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMPA2010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPA2010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
200 to 2000 MHz
Rev. V2
PA2010 / SMPA2010
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


유사한 부품 번호 - SMPA2010

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
SMPA2010 MACOM-SMPA2010 Datasheet
98Kb / 1P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMPA2010 MA-COM-SMPA2010 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
More results

유사한 설명 - SMPA2010

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
SMPA38 MA-COM-SMPA38 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA2010 MACOM-PA2010 Datasheet
98Kb / 1P
   200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
A32 MACOM-A32 Datasheet
112Kb / 1P
   100 TO 2000 MHz CASCADABLE AMPLIFIER
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com